Electronic Components Datasheet Search
  English  ▼

X  

LM2695 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2695
Description  LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2695 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2695 Datasheet HTML 6Page - Texas Instruments LM2695 Datasheet HTML 7Page - Texas Instruments LM2695 Datasheet HTML 8Page - Texas Instruments LM2695 Datasheet HTML 9Page - Texas Instruments LM2695 Datasheet HTML 10Page - Texas Instruments LM2695 Datasheet HTML 11Page - Texas Instruments LM2695 Datasheet HTML 12Page - Texas Instruments LM2695 Datasheet HTML 13Page - Texas Instruments LM2695 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
1.25A
Load Current
Increases
IPK
IOCL
IO
'I
Normal Operation
Current Limited
LM2695
SNVS413A – JANUARY 2006 – REVISED APRIL 2013
www.ti.com
Figure 8. Inductor Current - Current Limit Operation
The current limit threshold can be increased by connecting an external resistor between SGND and ISEN. The
external resistor will typically be less than 1
Ω. The peak current out of SW and ISEN must not exceed 2A. The
average current out of SW must be less than 1.5A.
N - Channel Buck Switch and Driver
The LM2695 integrates an N-Channel buck switch and associated floating high voltage gate driver. The peak
current allowed through the buck switch is 2A, and the maximum allowed average current is 1.5A. The gate
driver circuit works in conjunction with an external bootstrap capacitor and an internal high voltage diode. A 0.022
µF capacitor (C4) connected between BST and SW provides the voltage to the driver during the on-time. During
each off-time, the SW pin is at approximately -1V, and C4 charges from VCC through the internal diode. The
minimum off-time of 250 ns ensures a minimum time each cycle to recharge the bootstrap capacitor.
Softstart
The softstart feature allows the converter to gradually reach a steady state operating point, thereby reducing
start-up stresses and current surges. Upon turn-on, after VCC reaches the under-voltage threshold, an internal
12.3 µA current source charges up the external capacitor at the SS pin to 2.5V. The ramping voltage at SS (and
the non-inverting input of the regulation comparator) ramps up the output voltage in a controlled manner.
An internal switch grounds the SS pin if VCC is below the under-voltage lockout threshold, if a thermal shutdown
occurs, or if the RON/SD pin is grounded.
Thermal Shutdown
The LM2695 should be operated so the junction temperature does not exceed 125°C. If the junction temperature
increases, an internal Thermal Shutdown circuit, which activates (typically) at 175°C, takes the controller to a low
power reset state by disabling the buck switch and the on-timer, and grounding the Softstart pin. This feature
helps prevent catastrophic failures from accidental device overheating. When the junction temperature reduces
below 155°C (typical hysteresis = 20°C), the Softstart pin is released and normal operation resumes.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM2695



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com