Electronic Components Datasheet Search
  English  ▼

X  

LM2695 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM2695
Description  LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2695 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2695 Datasheet HTML 2Page - Texas Instruments LM2695 Datasheet HTML 3Page - Texas Instruments LM2695 Datasheet HTML 4Page - Texas Instruments LM2695 Datasheet HTML 5Page - Texas Instruments LM2695 Datasheet HTML 6Page - Texas Instruments LM2695 Datasheet HTML 7Page - Texas Instruments LM2695 Datasheet HTML 8Page - Texas Instruments LM2695 Datasheet HTML 9Page - Texas Instruments LM2695 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
FS =
VOUT
2 x L1 x 1.18 x 1020
RL x (RON)
2
DC =
tON
tON + tOFF
=
VOUT
VIN
FS =
VOUT
1.3 x 10
-10 x R
ON
LM2695
SNVS413A – JANUARY 2006 – REVISED APRIL 2013
www.ti.com
Functional Description
The LM2695 Step Down Switching Regulator features all the functions needed to implement a low cost, efficient
buck bias power converter capable of supplying 1.25A to the load. This high voltage regulator contains a 33V N-
Channel buck switch, is easy to implement, and is available in the thermally enhanced WSON-10 and HTSSOP-
14 packages. The regulator’s operation is based on a hysteretic control scheme, and uses an on-time control
which varies inversely with VIN. This feature allows the operating frequency to remain relatively constant with
load and input voltage variations. The hysteretic control requires no loop compensation resulting in very fast load
transient response. The valley current limit detection circuit, internally set at 1.25A, holds the buck switch off until
the high current level subsides. The functional block diagram is shown in Typical Application Circuit and Block
Diagram.
The LM2695 can be applied in numerous applications to efficiently regulate down higher voltages. Additional
features include: Thermal shutdown, VCC under-voltage lockout, gate drive under-voltage lockout, and maximum
duty cycle limiter.
Hysteretic Control Circuit Overview
The LM2695 buck DC-DC regulator employs a control scheme based on a comparator and a one-shot on-timer,
with the output voltage feedback (FB) compared to an internal reference (2.5V). If the FB voltage is below the
reference the buck switch is turned on for a time period determined by the input voltage and a programming
resistor (RON). Following the on-time the switch remains off for a minimum of 250 ns, and until the FB voltage
falls below the reference. The buck switch then turns on for another on-time period. Typically, during start-up, or
when the load current increases suddenly, the off-times are at the minimum of 250 ns. Once regulation is
established, the off-times are longer.
When in regulation, the LM2695 operates in continuous conduction mode at heavy load currents and
discontinuous conduction mode at light load currents. In continuous conduction mode current always flows
through the inductor, never reaching zero during the off-time. In this mode the operating frequency remains
relatively constant with load and line variations. The minimum load current for continuous conduction mode is
one-half the inductor’s ripple current amplitude. The operating frequency is approximately:
(1)
The buck switch duty cycle is equal to:
(2)
In discontinuous conduction mode current through the inductor ramps up from zero to a peak during the on-time,
then ramps back to zero before the end of the off-time. The next on-time period starts when the voltage at FB
falls below the reference - until then the inductor current remains zero, and the load current is supplied by the
output capacitor (C2). In this mode the operating frequency is lower than in continuous conduction mode, and
varies with load current. Conversion efficiency is maintained at light loads since the switching losses reduce with
the reduction in load and frequency. The approximate discontinuous operating frequency can be calculated as
follows:
where
•
RL = the load resistance
(3)
The output voltage is set by two external resistors (R1, R2). The regulated output voltage is calculated as
follows:
VOUT = 2.5 x (R1 + R2) / R2
(4)
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM2695



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com