Electronic Components Datasheet Search
  English  ▼

X  

LM2695 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2695
Description  LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2695 Datasheet(HTML) 1 Page - Texas Instruments

  LM2695 Datasheet HTML 1Page - Texas Instruments LM2695 Datasheet HTML 2Page - Texas Instruments LM2695 Datasheet HTML 3Page - Texas Instruments LM2695 Datasheet HTML 4Page - Texas Instruments LM2695 Datasheet HTML 5Page - Texas Instruments LM2695 Datasheet HTML 6Page - Texas Instruments LM2695 Datasheet HTML 7Page - Texas Instruments LM2695 Datasheet HTML 8Page - Texas Instruments LM2695 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
VIN
SW
BST
LM2695
VCC
SS
RON/SD
8V - 30V
Input
C1
RON
R2
R1
C2
VOUT
L1
C3
C4
D1
C6
RTN
ISEN
SGND
FB
SHUTDOWN
R3
LM2695
www.ti.com
SNVS413A – JANUARY 2006 – REVISED APRIL 2013
LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
Check for Samples: LM2695
1
FEATURES
DESCRIPTION
The LM2695 Step Down Switching Regulator features
2
•
Integrated 33V, N-Channel Buck Switch
all of the functions needed to implement a low cost,
•
Integrated Start-Up Regulator
efficient, buck bias regulator capable of supplying
•
Input Voltage Range: 8V to 30V
1.25A to the load. This buck regulator contains a 33V
N-Channel Buck Switch, and is available in the
•
No Loop Compensation Required
thermally
enhanced
WSON-10
and
HTSSOP-14
•
Ultra-Fast Transient Response
packages. The hysteretic regulation scheme requires
•
Operating Frequency Remains Constant with
no loop compensation, results in fast load transient
Load Current and Input Voltage
response, and simplifies circuit implementation. The
operating frequency remains constant with line and
•
Maximum Duty Cycle Limited During Start-Up
load
variations
due
to
the
inverse
relationship
•
Adjustable Output Voltage
between the input voltage and the on-time. The
•
Valley Current Limit At 1.25A
current limit detection is set at 1.25A. Additional
features include: VCC under-voltage lockout, thermal
•
Precision Internal Reference
shutdown, gate drive under-voltage lockout, and
•
Low Bias Current
maximum duty cycle limiter.
•
Highly Efficient Operation
•
Thermal Shutdown
PACKAGE
•
10-Pin WSON (4 mm x 4 mm)
TYPICAL APPLICATIONS
•
14-Pin HTSSOP
•
High Efficiency Point-Of-Load (POL) Regulator
•
Exposed Thermal Pad For Improved Heat
•
Non-Isolated Telecommunication Buck
Dissipation
Regulator
•
Secondary High Voltage Post Regulator
Basic Step Down Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2695

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM2695 TI-LM2695 Datasheet
914Kb / 21P
LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM2695MH NSC-LM2695MH Datasheet
623Kb / 14P
High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM2695MH/NOPB TI-LM2695MH/NOPB Datasheet
914Kb / 21P
LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM2695MHX NSC-LM2695MHX Datasheet
623Kb / 14P
High Voltage (30V, 1.25A) Step Down Switching Regulator
More results

Similar Description - LM2695

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34910 NSC-LM34910 Datasheet
583Kb / 11P
High Voltage (40V, 1.25A) Step Down Switching Regulator
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
High Voltage (30V, 1.25A) Step Down Switching Regulator
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Texas Instruments
LM34910 TI1-LM34910_14 Datasheet
874Kb / 17P
High Voltage (40V, 1.25A) Step Down Switching Regulator
LM2695 TI-LM2695_15 Datasheet
914Kb / 21P
LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
LM34910 TI-LM34910_15 Datasheet
845Kb / 18P
High Voltage (40V, 1.25A) Step Down Switching Regulator
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com