Electronic Components Datasheet Search
  English  ▼

X  

LM2695 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2695
Description  LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2695 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2695 Datasheet HTML 9Page - Texas Instruments LM2695 Datasheet HTML 10Page - Texas Instruments LM2695 Datasheet HTML 11Page - Texas Instruments LM2695 Datasheet HTML 12Page - Texas Instruments LM2695 Datasheet HTML 13Page - Texas Instruments LM2695 Datasheet HTML 14Page - Texas Instruments LM2695 Datasheet HTML 15Page - Texas Instruments LM2695 Datasheet HTML 16Page - Texas Instruments LM2695 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LM2695
www.ti.com
SNVS413A – JANUARY 2006 – REVISED APRIL 2013
If it is expected that the internal dissipation of the LM2695 will produce excessive junction temperatures during
normal operation, good use of the PC board’s ground plane can help considerably to dissipate heat. The
exposed pad on the bottom of the IC package can be soldered to a ground plane, and that plane should extend
out from beneath the IC, and be connected to ground plane on the board’s other side with several vias, to help
dissipate the heat. The exposed pad is internally connected to the IC substrate. Additionally the use of wide PC
board traces, where possible, can help conduct heat away from the IC. Judicious positioning of the PC board
within the end product, along with the use of any available air flow (forced or natural convection) can help reduce
the junction temperatures.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2695



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com