Electronic Components Datasheet Search
  English  ▼

X  

LM2695 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2695
Description  LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2695 Datasheet(HTML) 4 Page - Texas Instruments

  LM2695 Datasheet HTML 1Page - Texas Instruments LM2695 Datasheet HTML 2Page - Texas Instruments LM2695 Datasheet HTML 3Page - Texas Instruments LM2695 Datasheet HTML 4Page - Texas Instruments LM2695 Datasheet HTML 5Page - Texas Instruments LM2695 Datasheet HTML 6Page - Texas Instruments LM2695 Datasheet HTML 7Page - Texas Instruments LM2695 Datasheet HTML 8Page - Texas Instruments LM2695 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM2695
SNVS413A – JANUARY 2006 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
Specifications with standard type are for TJ = 25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 24V, RON = 200kΩ
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Start-Up Regulator, VCC
VCCReg
VCC regulated output
6.6
7
7.4
V
ICC = 0 mA,
V
VIN-VCC dropout voltage
1.3
VCC = UVLOVCC + 250 mV
VCC output impedance
0 mA
≤ ICC ≤ 5 mA
140
Ω
VCC current limit
(2)
VCC = 0V
9.7
mA
UVLOVCC
VCC under-voltage lockout
V
VCC increasing
5.7
threshold
UVLOVCC hysteresis
VCC decreasing
150
mV
UVLOVCC filter delay
100 mV overdrive
3
µs
IIN operating current
Non-switching, FB = 3V
0.5
0.8
mA
IIN shutdown current
RON/SD = 0V
95
200
µA
Switch Characteristics
Rds(on)
Buck Switch Rds(on)
ITEST = 200 mA
0.33
0.7
Ω
UVLOGD
Gate Drive UVLO
VBST - VSW Increasing
3.0
4.4
5.5
V
UVLOGD hysteresis
480
mV
Softstart Pin
Pull-up voltage
2.5
V
Internal current source
12.3
µA
Current Limit
ILIM
Threshold
Current out of ISEN
1
1.25
1.5
A
Resistance from ISEN to SGND
130
m
Ω
Response time
150
ns
On Timer
tON - 1
On-time
VIN = 10V, RON = 200 kΩ
2.1
2.8
3.6
µs
tON - 2
On-time
VIN = 30V, RON = 200 kΩ
950
ns
Shutdown threshold
Voltage at RON/SD rising
0.45
0.8
1.2
V
Threshold hysteresis
Voltage at RON/SD falling
37
mV
Off Timer
tOFF
Minimum Off-time
250
ns
Regulation and Over-Voltage Comparators (FB Pin)
VREF
FB regulation threshold
SS pin = steady state
2.440
2.5
2.550
V
FB over-voltage threshold
2.9
V
FB bias current
1
nA
Thermal Shutdown
TSD
Thermal shutdown temperature
175
°C
Thermal shutdown hysteresis
20
°C
Thermal Resistance
θJA
Junction to Ambient
°C/W
Both Packages
37
0 LFPM Air Flow
θJC
Junction to Case
Both Packages
6.6
°C/W
(1)
Typical specifications represent the most likely parametric norm at 25°C operation.
(2)
VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM2695



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com