Electronic Components Datasheet Search
  English  ▼

X  

LM2695 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM2695
Description  LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2695 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2695 Datasheet HTML 4Page - Texas Instruments LM2695 Datasheet HTML 5Page - Texas Instruments LM2695 Datasheet HTML 6Page - Texas Instruments LM2695 Datasheet HTML 7Page - Texas Instruments LM2695 Datasheet HTML 8Page - Texas Instruments LM2695 Datasheet HTML 9Page - Texas Instruments LM2695 Datasheet HTML 10Page - Texas Instruments LM2695 Datasheet HTML 11Page - Texas Instruments LM2695 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
tON =
VIN
1.3 x 10
-10 x R
ON
FB
SW
L1
C2
R1
R2
R3
LM2695
BST
VCC
D2
C3
C4
D1
ISEN
SGND
VOUT1
LM2695
SNVS413A – JANUARY 2006 – REVISED APRIL 2013
www.ti.com
Start-Up Regulator, VCC
The start-up regulator is integral to the LM2695. The input pin (VIN) can be connected directly to line voltage up
to 30V, with transient capability to 33V. The VCC output regulates at 7.0V, and is current limited at 9.7 mA. Upon
power up, the regulator sources current into the external capacitor at VCC (C3). When the voltage on the VCC
pin reaches the under-voltage lockout threshold of 5.7V, the buck switch is enabled and the Softstart pin is
released to allow the Softstart capacitor (C6) to charge up.
The minimum input voltage is determined by the regulator’s dropout voltage, the VCC UVLO falling threshold
(
≊5.5V), and the frequency. When VCC falls below the falling threshold the VCC UVLO activates to shut off the
output. If VCC is externally loaded, the minimum input voltage increases since the output impedance at VCC is
≊140Ω.
To reduce power dissipation in the start-up regulator, an auxiliary voltage can be diode connected to the VCC pin.
Setting the auxiliary voltage to between 8V and 14V shuts off the internal regulator, reducing internal power
dissipation. The sum of the auxiliary voltage and the input voltage (VCC + VIN) cannot exceed 47V. Internally, a
diode connects VCC to VIN. See Figure 6.
Figure 6. Self Biased Configuration
Regulation Comparator
The feedback voltage at FB is compared to the voltage at the Softstart pin (2.5V). In normal operation (the output
voltage is regulated), an on-time period is initiated when the voltage at FB falls below 2.5V. The buck switch
stays on for the programmed on-time, causing the FB voltage to rise above 2.5V. After the on-time period, the
buck switch stays off until the FB voltage falls below 2.5V. Input bias current at the FB pin is less than 100 nA
over temperature.
Over-Voltage Comparator
The voltage at FB is compared to an internal 2.9V reference. If the voltage at FB rises above 2.9V the on-time
pulse is immediately terminated. This condition can occur if the input voltage or the output load changes
suddenly, or if the inductor (L1) saturates. The buck switch remains off until the voltage at FB falls below 2.5V.
ON-Time Timer, and Shutdown
The on-time for the LM2695 is determined by the RON resistor and the input voltage (VIN), and is calculated from:
(5)
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM2695



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com