Electronic Components Datasheet Search
  English  ▼

X  

LM94021 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM94021
Description  LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM94021 Datasheet(HTML) 2 Page - Texas Instruments

  LM94021 Datasheet HTML 1Page - Texas Instruments LM94021 Datasheet HTML 2Page - Texas Instruments LM94021 Datasheet HTML 3Page - Texas Instruments LM94021 Datasheet HTML 4Page - Texas Instruments LM94021 Datasheet HTML 5Page - Texas Instruments LM94021 Datasheet HTML 6Page - Texas Instruments LM94021 Datasheet HTML 7Page - Texas Instruments LM94021 Datasheet HTML 8Page - Texas Instruments LM94021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Single Battery
Cell
VDD (+1.5V to +5.5V)
LM94021
GND
OUT
VDD
GS1
GS0
LM94021
GND
OUT
VDD
GS1
GS0
4
5
1
2
3
LM94021
SNIS138E – FEBRUARY 2005 – REVISED JUNE 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
CONNECTION DIAGRAM
Figure 1. 5-Pin SC70 - Top View
TYPICAL TRANSFER CHARACTERISTIC
Output Voltage vs Temperature
TYPICAL APPLICATION
Full-Range Celsius Temperature Sensor (
−50°C to +150°C) operating from a Single Battery Cell
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM94021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com