Electronic Components Datasheet Search
  English  ▼

X  

LM94021 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM94021
Description  LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM94021 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM94021 Datasheet HTML 7Page - Texas Instruments LM94021 Datasheet HTML 8Page - Texas Instruments LM94021 Datasheet HTML 9Page - Texas Instruments LM94021 Datasheet HTML 10Page - Texas Instruments LM94021 Datasheet HTML 11Page - Texas Instruments LM94021 Datasheet HTML 12Page - Texas Instruments LM94021 Datasheet HTML 13Page - Texas Instruments LM94021 Datasheet HTML 14Page - Texas Instruments LM94021 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LM94021
www.ti.com
SNIS138E – FEBRUARY 2005 – REVISED JUNE 2013
Table 2. LM94021 Transfer Table (continued)
TEMPERATURE
GS = 00
GS = 01
GS = 10
GS = 11
(°C)
(mV)
(mV)
(mV)
(mV)
82
579
890
1201
1511
83
574
881
1189
1497
84
568
873
1178
1483
85
562
865
1167
1469
86
557
856
1155
1455
87
551
848
1144
1441
88
545
839
1133
1427
89
539
831
1122
1413
90
534
822
1110
1399
91
528
814
1099
1385
92
522
805
1088
1371
93
517
797
1076
1356
94
511
788
1065
1342
95
505
779
1054
1328
96
499
771
1042
1314
97
494
762
1031
1300
98
488
754
1020
1286
99
482
745
1008
1272
100
476
737
997
1257
101
471
728
986
1243
102
465
720
974
1229
103
459
711
963
1215
104
453
702
951
1201
105
448
694
940
1186
106
442
685
929
1172
107
436
677
917
1158
108
430
668
906
1144
109
425
660
895
1130
110
419
651
883
1115
111
413
642
872
1101
112
407
634
860
1087
113
401
625
849
1073
114
396
617
837
1058
115
390
608
826
1044
116
384
599
814
1030
117
378
591
803
1015
118
372
582
791
1001
119
367
573
780
987
120
361
565
769
973
121
355
556
757
958
122
349
547
745
944
123
343
539
734
929
124
337
530
722
915
125
332
521
711
901
126
326
513
699
886
127
320
504
688
872
128
314
495
676
858
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM94021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com