Electronic Components Datasheet Search
  English  ▼

X  

LM94021 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM94021
Description  LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM94021 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM94021 Datasheet HTML 3Page - Texas Instruments LM94021 Datasheet HTML 4Page - Texas Instruments LM94021 Datasheet HTML 5Page - Texas Instruments LM94021 Datasheet HTML 6Page - Texas Instruments LM94021 Datasheet HTML 7Page - Texas Instruments LM94021 Datasheet HTML 8Page - Texas Instruments LM94021 Datasheet HTML 9Page - Texas Instruments LM94021 Datasheet HTML 10Page - Texas Instruments LM94021 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
100
10k
10M
FREQUENCY (Hz)
-70
-50
-30
0
1M
100k
1k
-10
-40
-60
-20
CLOAD = 0 pF
CLOAD = 1 nF
CLOAD = 100 pF
VDD = 5.0V
TEMP = 25°C
LM94021
www.ti.com
SNIS138E – FEBRUARY 2005 – REVISED JUNE 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Change in VOUT vs. Overhead Voltage
Supply Noise Gain vs. Frequency
Figure 8.
Figure 9.
Line Regulation: Output Voltage vs. Supply Voltage
Line Regulation: Output Voltage vs. Supply Voltage
Gain Select = 00
Gain Select = 01
Figure 10.
Figure 11.
Line Regulation: Output Voltage vs. Supply Voltage
Line Regulation: Output Voltage vs. Supply Voltage
Gain Select = 10
Gain Select = 11
Figure 12.
Figure 13.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM94021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com