Electronic Components Datasheet Search
  English  ▼

X  

LM94021 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM94021
Description  LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM94021 Datasheet(HTML) 1 Page - Texas Instruments

  LM94021 Datasheet HTML 1Page - Texas Instruments LM94021 Datasheet HTML 2Page - Texas Instruments LM94021 Datasheet HTML 3Page - Texas Instruments LM94021 Datasheet HTML 4Page - Texas Instruments LM94021 Datasheet HTML 5Page - Texas Instruments LM94021 Datasheet HTML 6Page - Texas Instruments LM94021 Datasheet HTML 7Page - Texas Instruments LM94021 Datasheet HTML 8Page - Texas Instruments LM94021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM94021
www.ti.com
SNIS138E – FEBRUARY 2005 – REVISED JUNE 2013
LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
Check for Samples: LM94021
1
FEATURES
DESCRIPTION
The LM94021 is a precision analog output CMOS
2
•
LM94021Q is AEC-Q100 Grade 0 Qualified and
integrated-circuit temperature sensor that operates at
is Manufactured on an Automotive Grade Flow
a supply voltage as low as 1.5V. While operating over
•
Low 1.5V Operation
the wide temperature range of
−50°C to +150°C, the
•
Four Selectable Gains
LM94021 delivers an output voltage that is inversely
proportional
to
measured
temperature.
The
•
Very Accurate Over Wide Temperature Range
LM94021's low supply current makes it ideal for
of
−50°C to +150°C
battery-powered
systems
as
well
as
general
•
Low Quiescent Current
temperature sensing applications.
•
Output is Short-Circuit Protected
Two logic inputs, Gain Select 1 (GS1) and Gain
•
Extremely Small SC70 Package
Select 0 (GS0), select the gain of the temperature-to-
voltage output transfer function. Four slopes are
•
Footprint Compatible with the Industry-
selectable:
−5.5 mV/°C, −8.2 mV/°C, −10.9 mV/°C,
Standard LM20 Temperature Sensor
and
−13.6 mV/°C. In the lowest gain configuration
•
UL Recognized Component
(GS1 and GS0 both tied low), the LM94021 can
operate
with
a
1.5V
supply
while
measuring
APPLICATIONS
temperature over the full
−50°C to +150°C operating
range. Tying both inputs high causes the transfer
•
Cell Phones
function to have the largest gain of
−13.6 mV/°C for
•
Wireless Transceivers
maximum temperature sensitivity. The gain-select
•
Battery Management
inputs can be tied directly to VDD or Ground without
any
pull-up
or
pull-down
resistors,
reducing
•
Automotive
component count and board area. These inputs can
•
Disk Drives
also be driven by logic signals allowing the system to
•
Games
optimize
the
gain
during
operation
or
system
•
Appliances
diagnostics.
Table 1. KEY SPECIFICATIONS
Supply Voltage
1.5V to 5.5V
Supply Current
9
μA (typ)
20°C to 40°C
±1.5°C
−50°C to 70°C
±1.8°C
Temperature Accuracy
−50°C to 90°C
±2.1°C
−50°C to 150°C
±2.7°C
Operating Temperature
–50°C to 150°C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM94021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM94021 NSC-LM94021 Datasheet
680Kb / 13P
Multi-Gain Analog Temperature Sensor
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
Multi-Gain Analog Temperature Sensor
LM94021-Q1 TI1-LM94021-Q1 Datasheet
1Mb / 23P
Multi-Gain Analog Temperature Sensor
logo
National Semiconductor ...
LM94021BIMG NSC-LM94021BIMG Datasheet
680Kb / 13P
Multi-Gain Analog Temperature Sensor
logo
Texas Instruments
LM94021BIMG TI1-LM94021BIMG Datasheet
1Mb / 23P
Multi-Gain Analog Temperature Sensor
More results

Similar Description - LM94021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM94021 NSC-LM94021 Datasheet
680Kb / 13P
Multi-Gain Analog Temperature Sensor
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50_04 Datasheet
41Kb / 8P
Analog Temperature Sensor
logo
National Semiconductor ...
LM94022 NSC-LM94022 Datasheet
964Kb / 16P
1.5V, SC70, Multi-Gain Analog Temperature Sensor with Class-AB Output
logo
Texas Instruments
LM94022 TI-LM94022_15 Datasheet
1Mb / 28P
1.5-V, SC70, Multi-Gain Analog Temperature Sensor With Class-AB Output
LM94021 TI-LM94021_15 Datasheet
1Mb / 23P
LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
Multi-Gain Analog Temperature Sensor
logo
Silicon Supplies
SIS60A SS-SIS60A Datasheet
544Kb / 6P
Analog Temperature Sensor
LM135A SS-LM135A Datasheet
1Mb / 10P
Analog Temperature Sensor
LM335A SS-LM335A Datasheet
1Mb / 10P
Analog Temperature Sensor
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
Analog Temperature Sensor
100906
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com