Electronic Components Datasheet Search
  English  ▼

X  

LM94021 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM94021
Description  LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM94021 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM94021 Datasheet HTML 10Page - Texas Instruments LM94021 Datasheet HTML 11Page - Texas Instruments LM94021 Datasheet HTML 12Page - Texas Instruments LM94021 Datasheet HTML 13Page - Texas Instruments LM94021 Datasheet HTML 14Page - Texas Instruments LM94021 Datasheet HTML 15Page - Texas Instruments LM94021 Datasheet HTML 16Page - Texas Instruments LM94021 Datasheet HTML 17Page - Texas Instruments LM94021 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
RS
OUT
LM94021
VDD
GND
CLOAD > 1100 pF
OPTIONAL
BYPASS
CAPACITANCE
OUT
LM94021
VDD
GND
OPTIONAL
BYPASS
CAPACITANCE
CLOAD < 1100 pF
LM94021
SNIS138E – FEBRUARY 2005 – REVISED JUNE 2013
www.ti.com
Figure 14. LM94021 No Decoupling Required for Capacitive Loads Less than 1100 pF
Figure 15. LM94021 with Series Resistor for Capacitive Loading greater than 1100 pF
OUTPUT VOLTAGE SHIFT
The LM94021 is very linear over temperature and supply voltage range. Due to the intrinsic behavior of an
NMOS/PMOS rail-to-rail buffer, a slight shift in the output can occur when the supply voltage is ramped over the
operating range of the device. The location of the shift is determined by the relative levels of VDD and VOUT. The
shift typically occurs when VDD- VOUT = 1.0V.
This slight shift (a few millivolts) takes place over a wide change (approximately 200 mV) in VDD or VOUT. Since
the shift takes place over a wide temperature change of 5°C to 20°C, VOUT is always monotonic. The accuracy
specifications in the ELECTRICAL CHARACTERISTICS table already include this possible shift.
SELECTABLE GAIN FOR OPTIMIZATION AND IN SITU TESTING
The Gain Select digital inputs can be tied to the rails or can be driven from digital outputs such as microcontroller
GPIO pins. In low-supply voltage applications, the ability to reduce the gain to
−5.5 mV/°C allows the LM94021 to
operate over the full
−50°C to 150°C range. When a larger supply voltage is present, the gain can be increased
as high as
−13.6 mV/°C. The larger gain is optimal for reducing the effects of noise (for example, noise coupling
on the output line or quantization noise induced by an analog-to-digital converter which may be sampling the
LM94021 output).
Another application advantage of the digitally selectable gain is the ability to perform dynamic testing of the
LM94021 while it is running in a system. By toggling the logic levels of the gain select pins and monitoring the
resultant change in the output voltage level, the host system can verify the functionality of the LM94021.
14
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM94021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com