Electronic Components Datasheet Search
  English  ▼

X  

LM94021 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM94021
Description  LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM94021 Datasheet(HTML) 5 Page - Texas Instruments

  LM94021 Datasheet HTML 1Page - Texas Instruments LM94021 Datasheet HTML 2Page - Texas Instruments LM94021 Datasheet HTML 3Page - Texas Instruments LM94021 Datasheet HTML 4Page - Texas Instruments LM94021 Datasheet HTML 5Page - Texas Instruments LM94021 Datasheet HTML 6Page - Texas Instruments LM94021 Datasheet HTML 7Page - Texas Instruments LM94021 Datasheet HTML 8Page - Texas Instruments LM94021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LM94021
www.ti.com
SNIS138E – FEBRUARY 2005 – REVISED JUNE 2013
ELECTRICAL CHARACTERISTICS
Unless otherwise noted, these specifications apply for +VDD = +1.5V to +5.5V . Boldface limits apply for TA = TJ = TMIN to
TMAX ; all other limits TA = TJ = 25°C.
UNITS
PARAMETER
CONDITIONS
TYPICAL (1)
LIMITS (2)
(LIMIT)
GS1 = 0, GS0 = 0
−5.5
mV/°C
GS1 = 0, GS1 = 1
−8.2
mV/°C
Sensor Gain
GS1 = 1, GS0 = 0
−10.9
mV/°C
GS1 = 1, GS0 = 1
−13.6
mV/°C
Source
≤ 2.0 μA (4)
−1
mV (max)
Load Regulation (3)
Sink
≤ 100 μA
1.6
mV (max)
Sink = 50
μA
0.4
mV
Line Regulation (5)
(VDD - VOUT) ≥ 200 mV
200
μV/V
TA = +30°C to +150°C
9
12
μA (max)
IS
Supply Current
TA = −50°C to +150°C
13
μA (max)
CL
Output Load Capacitance
1100
pF (max)
CL= 0 pF
0.7
1.6
ms (max)
Power-on Time (6)
CL=1100 pF
0.8
2.4
ms (max)
GS1 and GS0 Input Logic "1" Threshold
VIH
VDD- 0.5V
V (min)
Voltage
GS1 and GS0 Input Logic "0" Threshold
VIL
0.5
V (max)
Voltage
IIH
Logic "1" Input Current (7)
0.001
1
μA (max)
IIL
Logic "0" Input Current (7)
0.001
1
μA (max)
(1)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(2)
Limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(3)
Source currents are flowing out of the LM94021. Sink currents are flowing into the LM94021.
(4)
Assumes (VDD - VOUT) ≥ 200 mV.
(5)
Line regulation is calculated by subtracting the output voltage at the highest supply voltage from the output voltage at the lowest supply
voltage. The typical line regulation specification does not include the output voltage shift discussed in Section 5.0.
(6)
Specified by design.
(7)
The input current is leakage only and is highest at high temperature. It is typically only 0.001 µA. The 1 µA limit is solely based on a
testing limitation and does not reflect the actual performance of the part.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM94021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com