Electronic Components Datasheet Search
  English  ▼

X  

LM94021 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM94021
Description  LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM94021 Datasheet(HTML) 4 Page - Texas Instruments

  LM94021 Datasheet HTML 1Page - Texas Instruments LM94021 Datasheet HTML 2Page - Texas Instruments LM94021 Datasheet HTML 3Page - Texas Instruments LM94021 Datasheet HTML 4Page - Texas Instruments LM94021 Datasheet HTML 5Page - Texas Instruments LM94021 Datasheet HTML 6Page - Texas Instruments LM94021 Datasheet HTML 7Page - Texas Instruments LM94021 Datasheet HTML 8Page - Texas Instruments LM94021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM94021
SNIS138E – FEBRUARY 2005 – REVISED JUNE 2013
www.ti.com
OPERATING RATINGS
(1)
Specified Temperature Range
TMIN ≤ TA ≤ TMAX
LM94021
−50°C ≤ TA ≤ +150°C
Supply Voltage Range (VDD)
+1.5 V to +5.5 V
Thermal Resistance (
θJA)
(2) (3)
415°C/W
5-Pin SC70
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The junction to ambient thermal resistance (
θJA) is specified without a heat sink in still air.
(3)
Changes in output due to self heating can be computed by multiplying the internal dissipation by the thermal resistance.
ACCURACY CHARACTERISTICS
These limits do not include DC load regulation. These stated accuracy limits are with reference to the values in the LM94021
Transfer Table.
UNITS
PARAMETER
CONDITIONS
LIMITS (1)
(LIMIT)
TA = +20°C to +40°C; VDD = 1.5V to 5.5V
±1.5
°C (max)
TA = +0°C to +70°C; VDD = 1.5V to 5.5V
±1.8
°C (max)
TA = +0°C to +90°C; VDD = 1.5V to 5.5V
±2.1
°C (max)
GS1 = 0
GS0 = 0
TA = +0°C to +120°C; VDD = 1.5V to 5.5V
±2.4
°C (max)
TA = +0°C to +150°C; VDD = 1.5V to 5.5V
±2.7
°C (max)
TA = −50°C to +0°C; VDD = 1.6V to 5.5V
±1.8
°C (max)
TA = +20°C to +40°C; VDD = 1.8V to 5.5V
±1.5
°C (max)
TA = +0°C to +70°C; VDD = 1.9V to 5.5V
±1.8
°C (max)
TA = +0°C to +90°C; VDD = 1.9V to 5.5V
±2.1
°C (max)
GS1 = 0
GS0 = 1
TA = +0°C to +120°C; VDD = 1.9V to 5.5V
±2.4
°C (max)
TA = +0°C to +150°C; VDD = 1.9V to 5.5V
±2.7
°C (max)
TA = −50°C to +0°C; VDD = 2.3V to 5.5V
±1.8
°C (max)
Temperature Error (2)
TA = +20°C to +40°C; VDD = 2.2V to 5.5V
±1.5
°C (max)
TA = +0°C to +70°C; VDD = 2.4V to 5.5V
±1.8
°C (max)
TA = +0°C to +90°C; VDD = 2.4V to 5.5V
±2.1
°C (max)
GS1 = 1
GS0 = 0
TA = +0°C to +120°C; VDD = 2.4V to 5.5V
±2.4
°C (max)
TA = +0°C to +150°C; VDD = 2.4V to 5.5V
±2.7
°C (max)
TA = −50°C to +0°C; VDD = 3.0V to 5.5V
±1.8
°C (max)
TA = +20°C to +40°C; VDD = 2.7V to 5.5V
±1.5
°C (max)
TA = +0°C to +70°C; VDD = 3.0V to 5.5V
±1.8
°C (max)
TA = +0°C to +90°C; VDD = 3.0V to 5.5V
±2.1
°C (max)
GS1 = 1
GS0 = 1
TA = +0°C to +120°C; VDD = 3.0V to 5.5V
±2.4
°C (max)
TA = 0°C to +150°C; VDD = 3.0V to 5.5V
±2.7
°C (max)
TA = −50°C to +0°C; VDD = 3.6V to 5.5V
±1.8
°C (max)
(1)
Limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(2)
Accuracy is defined as the error between the measured and reference output voltages, tabulated in the Transfer Table at the specified
conditions of supply gain setting, voltage, and temperature (expressed in °C). Accuracy limits include line regulation within the specified
conditions. Accuracy limits do not include load regulation; they assume no DC load.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM94021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com