Electronic Components Datasheet Search
  English  ▼

X  

LM94021 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM94021
Description  LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM94021 Datasheet(HTML) 3 Page - Texas Instruments

  LM94021 Datasheet HTML 1Page - Texas Instruments LM94021 Datasheet HTML 2Page - Texas Instruments LM94021 Datasheet HTML 3Page - Texas Instruments LM94021 Datasheet HTML 4Page - Texas Instruments LM94021 Datasheet HTML 5Page - Texas Instruments LM94021 Datasheet HTML 6Page - Texas Instruments LM94021 Datasheet HTML 7Page - Texas Instruments LM94021 Datasheet HTML 8Page - Texas Instruments LM94021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
VDD
GND
VDD
GND
ESD
CLAMP
LM94021
www.ti.com
SNIS138E – FEBRUARY 2005 – REVISED JUNE 2013
PIN DESCRIPTIONS
LABEL
PIN NUMBER
TYPE
EQUIVALENT CIRCUIT
FUNCTION
Gain Select 1 - One of two inputs for
GS1
5
Logic Input
selecting the slope of the output
response
Gain Select 0 - One of two inputs for
GS0
1
Logic Input
selecting the slope of the output
response
Outputs a voltage which is inversely
OUT
3
Analog Output
proportional to temperature
VDD
4
Power
Positive Supply Voltage
GND
2
Ground
Power Supply Ground
ABSOLUTE MAXIMUM RATINGS
(1)
VALUES
Supply Voltage
−0.3V to +6.0V
Voltage at Output Pin
−0.3V to (VDD + 0.5V)
Output Current
±7 mA
Voltage at GS0 and GS1 Input Pins
−0.3V to +6.0V
Input Current at any pin (2)
5 mA
Storage Temperature
−65°C to +150°C
Maximum Junction Temperature (TJMAX)
+150°C
Human Body Model
2500V
ESD Susceptibility (3)
Machine Model
250V
Soldering process must comply with Reflow Temperature Profile specifications. Refer to http://www.ti.com/packaging.(4)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
When the input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > V
+), the current at that pin should be limited to 5 mA.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
(4)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM94021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com