Electronic Components Datasheet Search
  English  ▼

X  

68HC705PL4B Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # 68HC705PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705PL4B Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button 68HC705PL4B Datasheet HTML 34Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
RESETS
MC68HC05PL4
5-6
REV 2.0
•
Does not affect the input capture edge bit (IEDG) in the TCR.
•
Does not affect the interrupt ags in the timer status register (TSR).
•
Does not affect the input capture registers (ICRH, ICRL).
•
Does not affect the output compare registers (OCRH, OCRL).
Therefore con gure the por t A pins PA2,PA3 as general I/O function. However the
timer is free running for interrupt process.
5.4.5 Keyboard Interrupt Interface
A reset has the following effects on the Keyboard Interrupt interface:
•
Clears all bits in Keyboard interrupt enable register (KIER) and
Keyboard interrupt disable
•
Clears all bits in Keyboard interrupt ag register (KIFR)
•
Clears all bits in Pull-Up enable register (PUER)
Therefore disables the Keyboard interrupt and leaves the shared port B pins as
general I/O. Any pending interrupt ag is cleared and the K eyboard interrupt is dis-
abled.
5.4.6 6-bit DAC Subsystem
A reset has the following effects on the DAC subsystem:
•
Clears all bits in DAC control Register, hence DAC subsystem is
disabled.
Therefore con gure the por t A pin PA1 as general I/O function.
5.4.7 System Clock Option Subsystem
At reset has the following effects on OSC clock subsystem
•
The internal RC is enabled and oscillating at around 500kHz
•
Internal clock divider selected to divide by 2 for bus frequency
5.4.8 Miscellaneous Subsystem
A P reset has the following effects on IRQ subsystem
•
IRQ is disabled and reset the IRQ selection as negative edge-triggered
and low level-triggered, hence the LED/IRQ pin function as LED output
pin
Therefore also disable the LED driver output, hence the LED/IRQ pin is in high
impedance state.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com