Electronic Components Datasheet Search
  English  ▼

X  

68HC705PL4B Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 68HC705PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705PL4B Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 68HC705PL4B Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 21Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
MEMORY
MC68HC05PL4
2-2
REV 2.0
2.2
I/O REGISTERS
The rst 32 addresses of the memor y space, $0000-$001F, are the I/O section.
One I/O register is located outside the 32-byte I/O section, which is the Computer
Operating Properly (COP) register mapped at $1FF0.
The bit assignment of each I/O register is described in the respective sections and
summarized in Figure 2-3 and Figure 2-4.
2.3
RAM
The 256 addresses from $0020 to $01FF serve as both user RAM and the stack
RAM. The CPU uses v e RAM bytes to save all CPU register contents before pro-
cessing an interrupt. During a subroutine call, the CPU uses two bytes to store the
return address. The stack pointer decrements during pushes and increments dur-
ing pulls.
NOTE
Be careful when using nested subroutines or multiple interrupt levels. The CPU
may overwrite data in the RAM during a subroutine or during the interrupt stacking
operation.
2.4
ROM
The 4096 bytes of user ROM is located from address $0E00 to $1DFF.
Addresses $1FF0 to $1FFF contain 16 bytes of ROM reserved for user vectors.
2.5
COP WATCHDOG REGISTER (COPR)
Writing “0” to the COPC bit in the COP watchdog register ($1FF0) resets the COP
watchdog timer. This is a write only register; writing a “1” to COPC has no effect.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
COPR
R
$1FF0 W
COPC
RESET
UUUUUUUU
Figure 2-2. COP Watchdog Register (COPR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com