Electronic Components Datasheet Search
  English  ▼

X  

68HC705PL4B Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # 68HC705PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705PL4B Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button 68HC705PL4B Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 59Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 60Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 61Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
16-BIT PROGRAMMABLE TIMER
MC68HC05PL4
9-8
REV 2.0
3. Read the TSR to arm the OCF for clearing.
4. Enable the output compare registers by writing to the OCRL. This also
clears the OCF ag bit in the TSR.
5. Enable interrupts by clearing the I bit in the condition code register.
A software example of this procedure is shown in Table 9-1.
9.5
TIMER CONTROL REGISTER (TCR)
The timer control register shown in Figure 9-10 performs the following functions:
•
Enables input capture interrupts.
•
Enables output compare interrupts.
•
Enables timer over o w interrupts.
•
Con gure the I/O P ort Pin PA2 as input pin for TCAP signal
•
Con gure the I/O P ort Pin PA3 as output pin for TCMP signal
•
Control the active edge polarity of the TCAP signal.
•
Controls the active level of the TCMP output.
Reset clears all the bits in the TCR with the exception of the IEDG bit which is
unaffected.
ICIE - INPUT CAPTURE INTERRUPT ENABLE
This read/write bit enables interrupts caused by an active signal on the PB1/
TCAP pin or from CPF2 ag bit of the analog subsystem v oltage comparator 2.
Reset clears the ICIE bit.
1 = Input capture interrupts enabled.
0 = Input capture interrupts disabled.
Table 9-1. Output Compare Initialization Example
9B
...
...
B7
B6
BF
...
...
9A
16
13
17
SEI
...
...
STA
LDA
STX
...
...
CLI
OCRH
TSR
OCRL
DISABLE INTERRUPTS
.....
.....
INHIBIT OUTPUT COMPARE
ARM OCF FLAG FOR CLEARING
READY FOR NEXT COMPARE, OCF CLEARED
.....
.....
ENABLE INTERRUPTS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
TCR
R
ICIE
OCIE
TOIE
000
IEDG
OLVL
$0012
W
reset:
000000
U
0
Figure 9-10. Timer Control Register (TCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com