Electronic Components Datasheet Search
  English  ▼

X  

68HC705PL4B Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 68HC705PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705PL4B Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 68HC705PL4B Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
RESETS
REV 2.0
5-7
5.5
RESET CHARACTERISTICS
Table 5-1. Reset Characteristics
Figure 5-6. Stop Recovery Timing Diagram
Characteristic
Symbol
Min
Typ
Max
Unit
POR Recovery Voltage2
VPOR
0
—
100
mV
POR VDD Slew Rate2
Rising2
Falling2
SVDDR
SVDDF
—
—
—
—
0.1
0.05
V/ms
V/ms
RESET Pulse Width (when bus clock active)
tRL
1.5
—
—
tCYC
RESET Pulldown Pulse Width (from internal reset)
tRPD
3—4
tCYC
Note:
1. +2.0 ≤ VDD ≤ +4.0 V, VSS = 0 V, TL ≤ TA ≤ TH, unless otherwise noted
2. By design, not tested.
PCH
NEW
1FFE
tRL
OSC11
RESET
Internal
Clock3
Internal
Address
Bus3
4096
NOTES:
1. Represents the internal gating of the OSC1 pin
2. Normal delay of 4064 tCYC
3. Internal timing signal and data information not available externally.
Internal
Data
Bus3
1FFF
NEW PCH NEW PCL
PCL
NEW
code
O
p
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com