Electronic Components Datasheet Search
  English  ▼

X  

68HC705PL4B Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # 68HC705PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705PL4B Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button 68HC705PL4B Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 80Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 81Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 82Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 83Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 84Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 85Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 86Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
ELECTRICAL SPECIFICATIONS
REV 2.0
13-1
SECTION 13
ELECTRICAL SPECIFICATIONS
This section contains the electrical and timing speci cations for the
MC68HC05PL4.
13.1
MAXIMUM RATINGS
Maximum ratings are the extreme limits the device can be exposed to without
causing permanent damage to the chip. The device is not intended to operate at
these conditions. The MCU contains circuitry that protects the inputs against dam-
age from high static voltages; however, do not apply voltages higher than those
shown below. Keep VIN and VOUT within the range from VSS to VDD. Connect
unused inputs to the appropriate logical voltage level, either VSS or VDD.
13.2
OPERATING TEMPERATURE RANGE
13.3
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Supply Voltage
VDD
–0.3 to +7.0
V
Bootloader/Self-Check Mode (IRQ Pin Only)
VIN
VSS–0.3 to 17
V
Current Drain Per Pin Excluding VDD and VSS
I25
mA
Operating Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Characteristic
Symbol
Value
Unit
Operating Temperature Range
MC68HC05PL4
TA
TL to TH
–40 to +80
°C
Characteristic
Symbol
Value
Unit
Thermal Resistance
SOIC
PDIP
θJA
θJA
60
60
°C/W
°C/W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com