Electronic Components Datasheet Search
  English  ▼

X  

68HC705PL4B Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # 68HC705PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705PL4B Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button 68HC705PL4B Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
SYSTEM CLOCKS
MC68HC05PL4
8-2
REV 2.0
FMODE — Fast Mode RC select
FMODE selects the oscillating frequency of the internal RC. After power-on-
reset, the default setting is 500kHz.
1 = Internal RC oscillates at 500kHz
0 = Internal RC oscillates at 20kHz
OSCF — OSC running Flag
This bit is set when the external clock (External/crystal) from OSC1 is on.
See also CKOSC bit below.
RCF — RC Running Flag
This bit is set when the internal RC clock is on.
CKOSC — ChecK OSC
The CKOSC bit enables the internal logic for external clock selection. The pro-
cedure below should be followed when switching from RC to external clock.
1. Set the CKSEL1 and CKSEL2 bits for external clock source.
2. If crystal option is used — set the 8-bit timer for counting crystal
stabilization delay (typically 4064 clock cycles).
3. Write a “1” to the CKOSC bit and check for OSCF bit set.
4. If the OSCF bit is not set, no external clock is available, the internal RC
clock will be used as the system clock, irrespective of the setting for
CKSEL1 and CKSEL2.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com