Electronic Components Datasheet Search
  English  ▼

X  

68HC705PL4B Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # 68HC705PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705PL4B Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button 68HC705PL4B Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 59Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 60Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 61Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 62Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
16-BIT PROGRAMMABLE TIMER
REV 2.0
9-9
OCIE - OUTPUT COMPARE INTERRUPT ENABLE
This read/write bit enables interrupts caused by an active signal on the TCMP
pin. Reset clears the OCIE bit.
1 = Output compare interrupts enabled.
0 = Output compare interrupts disabled.
TOIE - TIMER OVERFLOW INTERRUPT ENABLE
This read/write bit enables interrupts caused by a timer over o w. Reset clears
the TOIE bit.
1 = Timer over o w interrupts enabled.
0 = Timer over o w interrupts disabled.
IEDG - INPUT CAPTURE EDGE SELECT
The state of this read/write bit determines whether a positive or negative transi-
tion on the TCAP pin triggers a transfer of the contents of the timer register to
the input capture register. Resets have no effect on the IEDG bit.
1 = Positive edge (low to high transition) triggers input capture.
0 = Negative edge (high to low transition) triggers input capture.
OLVL - OUTPUT COMPARE OUTPUT LEVEL SELECT
The state of this read/write bit determines whether a logic one or a logic zero
appears on the TCMP when a successful output compare occurs. Resets clear
the OLVL bit.
1 = TCMP goes high on output compare.
0 = TCMP goes low on output compare.
9.5.1 Miscellaneous Control and Status Register for Timer16
The Miscellaneous Control and Status Register shown in Figure 9-11 performs
the following functions:
•
Con gure the I/O por t pin PA2 as input pin for TCAP signal
•
Con gure the I/O por t pin PA3 as output pin for TCMP signal
TCAPEN - TIMER INPUT CAPTURE ENABLE
The bit con gures por t pin PA2 for Timer16 input capture function (TCAP). At
power-on-reset, this bit is cleared, PA2 is a standard I/O port pin, TCAP to the
Timer16 is pulled high.
1 = PA2 pin con gured as TCAP for timer input capture
0 = PA2 pin as standard I/O port pin
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MICSR
R
IRQEN
IRQS
TCMPEN TCAPEN
0
LED
COPON
POR
$001C
W
reset:
00000001
Figure 9-11. Miscellaneous Control and Status Register (MISCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com