Electronic Components Datasheet Search
  English  ▼

X  

68HC705PL4B Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 68HC705PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705PL4B Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 68HC705PL4B Datasheet HTML 7Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 8Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 9Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 10Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 11Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 12Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
GENERAL DESCRIPTION
REV 2.0
1-1
SECTION 1
GENERAL DESCRIPTION
The MC68HC05PL4 HCMOS microcontroller is a member of the M68HC05 Fam-
ily of low-cost single-chip microcontroller units (MCUs). This MCU is designed
speci cally f or the handset and base set of cost-sensitive CT0/1 analog cordless
phones.
References to MC68HC05PL4 apply to both MC68HC05PL4 and
MC68HC05PL4B, unless otherwise stated.
1.1
FEATURES
•
Industry standard 8-bit M68HC05 CPU core
•
Bus frequency: 2.56MHz @ 4V and 1MHz @ 2V
•
Built-in low-frequency RC oscillator (500kHz and 20kHz)
•
OSC input pin (OSC output pin on MC68HC05PL4B)
•
256 bytes of user RAM
•
4k-bytes of user ROM
•
ROM security
•
23 (22 for MC68HC05PL4B) bidirectional I/O lines with:
– 4 keyboard interrupts with pull-up resistor
– 6 high current sink pins
•
Open-drain output for LED drive
•
Multiplexed DTMF output with built-in 6-bit D/A
•
16-bit programmable timer with input capture and output compare
functions
•
Reloadable 8-bit event timer
•
COP watchdog reset
•
Power saving STOP and WAIT modes
•
Available in 28-pin PDIP, SOIC, and SSOP packages
Table 1-1.
MC68HC05PL4 and MC68HC05PL4B Differences
Device
Pin 27
MC68HC05PL4
PA0
MC68HC05PL4B
OSC2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com