Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 18 Page - Texas Instruments

Part # OPA690
Description  Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA690 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 14Page - Texas Instruments OPA690 Datasheet HTML 15Page - Texas Instruments OPA690 Datasheet HTML 16Page - Texas Instruments OPA690 Datasheet HTML 17Page - Texas Instruments OPA690 Datasheet HTML 18Page - Texas Instruments OPA690 Datasheet HTML 19Page - Texas Instruments OPA690 Datasheet HTML 20Page - Texas Instruments OPA690 Datasheet HTML 21Page - Texas Instruments OPA690 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
OPA699
18
SBOS261D
www.ti.com
LIMITED OUTPUT, DIFFERENTIAL ADC INPUT DRIVER
Figure 7 shows a differential ADC driver that takes advan-
tage of the OPA699 limiters to protect the input of the ADC.
Two OPA699s are used. The first one is an inverting configu-
ration at a gain of –2. The second one is in a noninverting
configuration at a gain of +2. Refer to the section,
Low Gain
Compensation for Improved SFDR, for a discussion of stabil-
ity issues of the OPA699 operating at a gain less than 4.
Each amplifier is swinging 2VPP providing a 4VPP differential
signal to drive the input of the ADC. Limiters have been set
100mV away from the magnitude of each amplifier maximum
signal to provide input protection for the ADC while maintain-
ing an acceptable distortion level.
PRECISION HALF WAVE RECTIFIER
Figure 8 shows a half wave rectifier with outstanding preci-
sion and speed. VH (pin 8) will default to a 3.5 typically if left
open, while the negative limit is set to ground.
The gain for the circuit in Figure 8 is set at +6. Figure 9 shows
input and output for
±0.5V 100MHz input.
VERY HIGH-SPEED SCHMITT TRIGGER
Figure 10 shows a very high-speed Schmitt Trigger. The
output levels are precisely defined, and the switching time is
exceptional. The output voltage swings between VH and VL.
OPA699
+5V
–5V
V
IN = 200mVPP
1k
Ω
24.9
Ω
1k
Ω
1k
Ω
0.01
µF
10pF
10pF
0.01
µF
24.9
Ω
100
Ω
100
Ω
OPA699
+5V
–5V
900
Ω
+1.1V
–1.1V
IN
V
CM
ADC
IN
+1.1V
4V
PP
–1.1V
100
Ω
OPA699
6
V
O
V
O = Open
–V
S = –5V
+V
S = +5V
V
IN
2
3
4
7
8
5
750
Ω
150
Ω
75
Ω
50
Ω
Source
Time (5ns/div)
Output
Input
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
OPA699
R
2
402
Ω
R
1
200
Ω
R
3
200
Ω
V
REF
V
OUT
V
H
V
L
+2V
–2V
V
IN
FIGURE 8. Precision Half-Wave Rectifier.
FIGURE 9. 100MHz Sinewave Rectified.
FIGURE 10. Very High-Speed Schmitt Trigger.
FIGURE 7. Single to Differential AC-Coupled, High Gain Output Limited ADC Driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com