Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA690
Description  Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA690 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 10Page - Texas Instruments OPA690 Datasheet HTML 11Page - Texas Instruments OPA690 Datasheet HTML 12Page - Texas Instruments OPA690 Datasheet HTML 13Page - Texas Instruments OPA690 Datasheet HTML 14Page - Texas Instruments OPA690 Datasheet HTML 15Page - Texas Instruments OPA690 Datasheet HTML 16Page - Texas Instruments OPA690 Datasheet HTML 17Page - Texas Instruments OPA690 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
OPA699
14
SBOS261D
www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V (Cont.)
TA = +25°C, G = +6, RF = 750Ω, and RL = 500Ω to VCM = +2.5V, VL = VCM – 1.2V, VH = VCM + 1.2V, unless otherwise noted.
HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
100
1k
–50
–55
–60
–65
–70
–75
–80
V
O = 2VPP
f = 5MHz
2nd-Harmonic
3rd-Harmonic
See Figure 2
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.5
1
10
20
–50
–55
–60
–65
–70
–75
–80
–85
–90
3rd-Harmonic
2nd-Harmonic
V
O = 2VPP
R
L = 500Ω
See Figure 2
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (V
PP)
0.5
1.0
2.0
1.5
2.5
–60
–65
–70
–75
–80
–85
2nd-Harmonic
See Figure 2
3rd-Harmonic
R
L = 500Ω to VS/2
f = 5MHz
V
H = VCM + VOPP/2 + 0.5V
V
L = VCM + VOPP/2 + 0.5V
2-TONE, 3RD-ORDER
INTERMODULATION INTERCEPT
Frequency (MHz)
010
40
30
20
50
38
36
34
32
30
28
26
24
22
20
OPA699
750
Ω
150
Ω
500
Ω
P
O
V
H
Open
Open
V
L
P
I
HARMONIC DISTORTION NEAR LIMITING VOLTAGES
Limit Voltages - 2.5V
0.9
1.0
1.1
1.6
1.7
1.4
1.5
1.2
1.3
1.8
–40
–45
–50
–55
–60
–65
–70
–75
–80
V
O = VCM ±1VP
f = 5MHz
R
L = 500Ω
3rd-Harmonic
2nd-Harmonic
LIMITER INPUT BIAS CURRENT vs BIAS VOLTAGE
Limiter Headroom (V)
0
0.5
2.0
1.5
1.0
2.5
100
75
50
25
0
–25
–50
–75
–100
Maximum Over Temperature
Minimum
Over Temperature
Limiter Headroom = +V
S – VH
=V
L – (–VS)
Current = I
VH or –IVL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com