Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA690
Description  Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA690 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 5Page - Texas Instruments OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments OPA690 Datasheet HTML 10Page - Texas Instruments OPA690 Datasheet HTML 11Page - Texas Instruments OPA690 Datasheet HTML 12Page - Texas Instruments OPA690 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
OPA699
9
SBOS261D
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = +25°C, G = +6, RF = 750Ω, and RL = 500Ω, VH = –VL = 2V, unless otherwise noted.
HARMONIC DISTORTION
vs LOAD RESISTANCE
Load Resistance (
Ω)
100
1k
–55
–60
–65
–70
–75
–80
–85
–90
V
O = 2VPP
f = 5MHz
3rd-Harmonic
See Figure 1
2nd-Harmonic
5MHz HARMONIC DISTORTION
vs SUPPLY VOLTAGE
± Supply Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–60
–65
–70
–75
–80
–85
–90
V
O = 2VPP
R
L = 500Ω
3rd-Harmonic
2nd-Harmonic
See Figure 1
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.5
1
10
20
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
3rd-Harmonic
See Figure 1
2nd-Harmonic
V
O = 2VPP
R
L = 500Ω
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage (V
PP)
0.5 1.0 1.5 2.0 2.5
3.5 4.0 4.5 5.0
3.0
5.5 6.0 6.5 7.0 7.5 8.0
–50
–55
–60
–65
–70
–75
–80
–85
–90
3rd-Harmonic
See Figure 1
2nd-Harmonic
R
L = 500Ω
V
H = –VL = VOPP /2 + 0.5V
f = 5MHz
HARMONIC DISTORTION vs NONINVERTING GAIN
Gain (V/V)
4
8
12
16
20
–55
–60
–65
–70
–75
–80
–85
–90
–95
V
O = 2VPP
R
L = 500Ω
f = 5MHz
3rd-Harmonic
2nd-Harmonic
HARMONIC DISTORTION vs INVERTING GAIN
Gain (V/V)
−4
−8
−12
−16
−20
−55
−60
−65
−70
−75
−80
−85
−90
V
O = 2VPP
R
L = 500Ω
f = 5MHz
3rd-Harmonic
2nd-Harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com