Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA690
Description  Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA690 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 4Page - Texas Instruments OPA690 Datasheet HTML 5Page - Texas Instruments OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments OPA690 Datasheet HTML 10Page - Texas Instruments OPA690 Datasheet HTML 11Page - Texas Instruments OPA690 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
OPA699
8
SBOS261D
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = +25°C, G = +6, RF = 750Ω, and RL = 500Ω, VH = –VL = 2V, unless otherwise noted.
SMALL-SIGNAL PULSE RESPONSE
Time (5ns/div)
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
V
O = 0.5VPP
See Figure 1
LARGE-SIGNAL PULSE RESPONSE
Time (5ns/div)
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
V
O = 4VPP
V
H = –VL = 2.5V
See Figure 1
V
H—LIMITED PULSE RESPONSE
Time (5ns/div)
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
G = +6
V
H = +2V
V
IN = 0 → 0.7V
V
OUT
V
IN
V
L—LIMITED PULSE RESPONSE
Time (5ns/div)
2.5
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
V
IN
V
OUT
G = +6
V
H = –2V
V
IN = 0 → 0.7V
LIMITED OUTPUT RESPONSE
Time (200ns/div)
2.5
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
G = +6
V
H = 2V
V
L = −2V
V
OUT
V
IN
DETAIL OF LIMITED OUTPUT RESPONSE
Time (50ns/div)
2.10
2.05
2.00
1.95
1.90
1.85
1.80
1.75
1.70
1.65
1.60
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com