Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA690
Description  Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA690 Datasheet(HTML) 1 Page - Texas Instruments

  OPA690 Datasheet HTML 1Page - Texas Instruments OPA690 Datasheet HTML 2Page - Texas Instruments OPA690 Datasheet HTML 3Page - Texas Instruments OPA690 Datasheet HTML 4Page - Texas Instruments OPA690 Datasheet HTML 5Page - Texas Instruments OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
www.ti.com
Wideband, High Gain
VOLTAGE LIMITING AMPLIFIER
OPA699
SBOS261D – NOVEMBER 2002 – REVISED DECEMBER 2008
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2002-2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
FEATURES
q HIGH LINEARITY NEAR LIMITING
q FAST RECOVERY FROM OVERDRIVE: 1ns
q LIMITING VOLTAGE ACCURACY:
±10mV
q –3dB BANDWIDTH (G = +6): 260MHz
q GAIN BANDWIDTH PRODUCT: 1000MHz
q STABLE FOR G
≥ +4V/V
q SLEW RATE: 1400V/
µs
q
±5V AND +5V SUPPLY OPERATION
q LOW GAIN VERSION: OPA698
APPLICATIONS
q TRANSIMPEDANCE WITH FAST
OVERDRIVE RECOVERY
q FAST LIMITING ADC INPUT DRIVER
q LOW PROP DELAY COMPARATOR
q NONLINEAR ANALOG SIGNAL
PROCESSING
q DIFFERENCE AMPLIFIER
q IF LIMITING AMPLIFIER
q OPA689 UPGRADE
DESCRIPTION
The OPA699 is a wideband, voltage-feedback op amp that
offers bipolar output voltage limiting, and is stable for gains
≥ +4. Two buffered limiting voltages take control of the output
when it attempts to drive beyond these limits. This new
output limiting architecture holds the limiter offset error to
±10mV. The op amp operates linearly to within 20mV of the
limits.
The combination of narrow nonlinear range and low limiting
offset allows the limiting voltages to be set within 100mV of
the desired linear output range. A fast 1ns recovery from
limiting ensures that overdrive signals will be transparent to
the signal channel. Implementing the limiting function at the
output, as opposed to the input, gives the specified limiting
accuracy for any gain, and allows the OPA699 to be used in
all standard op amp applications.
Nonlinear analog signal processing circuits will benefit from
the OPA699 sharp transition from linear operation to output
limiting. The quick recovery time supports high-speed applica-
tions.
The OPA699 is available in an industry-standard pinout in an
SO-8 package. For lower gain applications requiring output
limiting with fast recovery, consider the OPA698.
OPA6
99
OPA699
V
IN
R
G
374
Ω
R
F
750
Ω
C
F
4pF
C
S
18pF
V
OUT
V
OUT = –2VIN
V
H
+5V
–5V
V
L
Low Gain, Improved SFDR Amplifier with Output Limiting


Similar Part No. - OPA690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690 TI-OPA690 Datasheet
376Kb / 27P
Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA690 TI-OPA690 Datasheet
410Kb / 23P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA690 BURR-BROWN-OPA690 Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA690 BURR-BROWN-OPA690 Datasheet
438Kb / 25P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA690

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA689 BURR-BROWN-OPA689 Datasheet
175Kb / 16P
Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
OPA699 BURR-BROWN-OPA699 Datasheet
461Kb / 25P
Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA698M TI-OPA698M Datasheet
566Kb / 32P
UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA699M TI-OPA699M Datasheet
532Kb / 32P
GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA689M TI1-OPA689M Datasheet
269Kb / 22P
GAIN 4 STABLE WIDEBAND VOLTAGE-LIMITING AMPLIFIER
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA688 TI1-OPA688 Datasheet
302Kb / 18P
Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
OPA689 TI1-OPA689 Datasheet
306Kb / 20P
Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
OPA699 TI1-OPA699_14 Datasheet
1Mb / 31P
Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
OPA699IDG4 TI1-OPA699IDG4 Datasheet
1Mb / 31P
Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com