Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 21 Page - Texas Instruments

Part # PCI2040
Description  PCI-DSP Bridge Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCI2040 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 17Page - Texas Instruments PCI2040 Datasheet HTML 18Page - Texas Instruments PCI2040 Datasheet HTML 19Page - Texas Instruments PCI2040 Datasheet HTML 20Page - Texas Instruments PCI2040 Datasheet HTML 21Page - Texas Instruments PCI2040 Datasheet HTML 22Page - Texas Instruments PCI2040 Datasheet HTML 23Page - Texas Instruments PCI2040 Datasheet HTML 24Page - Texas Instruments PCI2040 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
3−2
3.2
Accessing Internal PCI2040 Registers
PCI configuration space is accessed via PCI configuration read and PCI configuration write cycles. These registers
may be accessed using byte, word, or double-word transfers.
The PCI2040 provides a set of registers specifically for interfacing with the HPI port. These registers are called the
HPI control and status registers (HPI CSRs) (see Section 5), and they may be memory- and I/O-mapped. The HPI
CSR memory base address register (see Section 4.11) provides the mechanism for mapping the HPI CSRs into
memory space. When mapped into memory space, the HPI CSRs may be accessed using bytes, words, or
double-word transfers. Memory mapping the HPI CSR registers is recommended.
The HPI control and status registers may also be mapped into I/O space via the HPI CSR I/O base address register
(see Section 4.32). When this register is programmed to a nonzero value, PCI2040 maps the HPI CSRs into I/O
space, and the index/data access scheme is used to access the registers using byte transfers.
The HPI CSR I/O base address register identifies the I/O address of the index port. I/O address index + 1 is the data
port. To access a HPI CSR register, software writes the offset of the HPI CSR register into the index port. I/O reads
from the data port provide the contents of the indexed register and writes to the data port result in PCI2040 updating
the indexed register.
3.3
PCI_LOCK
PCI2040 supports exclusive access via the LOCK protocol defined by PCI and the PCI_LOCK terminal. As a PCI
target, PCI2040 locks all DSP access and internal resources to a particular master when PCI_LOCK is sampled
deasserted during the address phase of a PCI cycle that it claims. Once LOCK is established, the PCI2040 remains
locked until both FRAME and LOCK are sampled deasserted or bit 30 (HPIError) is set in the interrupt event register
(see Section 5.1).
The master that owns the exclusive access lock on PCI2040 drives PCI_LOCK while the lock is established and
deasserts PCI_LOCK (and asserts FRAME) when addressing the PCI2040. The PCI2040 claims and retries cycles
addressed to it when PCI_LOCK is asserted. Other masters will not be able to force the PCI_LOCK signal high when
addressing a locked PCI2040 and will be retried.
Note that when the PCI2040 is not locked, it can claim and complete data transfers even if PCI_LOCK is sampled
asserted in the address phase.
3.4
Serial ROM Interface
The PCI2040 provides a two-wire serial ROM interface that may be used to preload PCI2040 registers following a
power-on reset (GRST). The serial ROM interface includes a serial clock (SCL) output and a serial data (SDA)
input/output. The SCL signal maps to the GPIO0 terminal and the SDA signal maps to the GPIO1 terminal. The
two-wire serial ROM interface is enabled by pulling up both GPIO0 and GPIO1 terminals to VCC with resistors. The
PCI2040 will only sense GPIO0 on GRST to identify the serial ROM; thus, only GPIO0 must be tied low to disable
the serial ROM interface.
The registers that may be preloaded are given in the following list, and only write accessible bits in these registers
may be preloaded. Figure 3−2 illustrates the PCI2040 serial ROM data format.
•
Class code register : SubClass − SubClass
•
Class code register : BaseClass − BaseClass
•
Subsystem vendor ID register − SubSys Byte 0 & SubSys Byte 1
•
Subsystem ID register − SubSys Byte 2 & SubSys Byte 3
•
GPIO select register − GPIO select register
•
Miscellaneous control register − Misc Ctrl Byte 0 & Misc Ctrl Byte 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com