Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 24 Page - Texas Instruments

Part # PCI2040
Description  PCI-DSP Bridge Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCI2040 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 20Page - Texas Instruments PCI2040 Datasheet HTML 21Page - Texas Instruments PCI2040 Datasheet HTML 22Page - Texas Instruments PCI2040 Datasheet HTML 23Page - Texas Instruments PCI2040 Datasheet HTML 24Page - Texas Instruments PCI2040 Datasheet HTML 25Page - Texas Instruments PCI2040 Datasheet HTML 26Page - Texas Instruments PCI2040 Datasheet HTML 27Page - Texas Instruments PCI2040 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 79 page
background image
3−5
•
HPI CSR memory base address register (see Section 4.11) is programmed to provide a pointer to the HPI
control and status registers (see Section 5). HPI CSR I/O base address register (see Section 4.32) can also
be programmed to give I/O access.
•
Control space base address register (see Section 4.12) is programmed and 32K bytes of memory are
allocated.
•
The PCI command register (see Section 4.3) is programmed to allow PCI2040 to respond to memory and
I/O cycles.
•
Software must clear the HPI reset register (see Section 5.4) to remove the reset assertion to the DSPs.
•
When PCI2040 decodes a PCI address within the 32-Kbyte memory control space window, it claims the
cycle and decodes the chip select, HCNTL1 and HCNTL0, to pass to the HPI interface.
•
The host initializes the BOB or HWOB bit in the HPI control register (see Section 6.2 or Section 6.3.5,
respectively) to choose the correct byte alignment. This results in an HPI cycle to the DSP’s HPI control
register.
•
The host then initializes the HPI address register with the correct HPI memory address. By loading the HPI
address register, an internal DSP HPI memory access is initiated and the data is latched in the HPI data
register.
•
If this is a read:
−
The host performs a read of the HPI data register. During the read, the contents of the first half-word data
latch appear on the HADn pins when the HWIL signal is low and contents of the second data latch when
the HWIL signal is high.
−
If auto-increment is selected, then it occurs between the transfer of the first and second bytes. This
allows back-to-back HPI data register accesses without an intervening HPI address register access.
•
If this is a write:
−
The first data latch of HPI data register is written from the data coming from the host while HWIL is low
and the second data latch when HWIL is high. If communicating with C6x, then the correct combination
of byte enables must also be used.
−
If auto-increment is selected, then it occurs between the transfer of the first and second bytes.
3.5.6
HPI Interface Specific Notes
The PCI2040 supports the HPI features from C54x and C6x interfaces given in Table 3−2. See Section 6, DSP HPI
Overview, and the HPI functional specification and timing requirements for more details.
Table 3−2. HPI Interface Features
C54x
C6x
Shared access mode (SAM) and host only mode (HOM)
Only one mode of operation: host only mode (HOM)
Auto-increment
Auto-increment
Endian byte swap (BOB)
Endian byte swap (HWOB)
DSP-to-host interrupt
DSP-to-host interrupt
Wait states using HRDY5xn
Wait states using HRDY6xn
Two data strobes: HDS, HR/W
Two data strobes: HDS, HR/W
HPI memory access during reset
Byte enables
No software handshaking using HRDY and FETCH
Valid byte enables
All byte enables valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com