| Electronic Components Datasheet Search |
|
PCI2040 Datasheet(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI2040 Datasheet(HTML) 28 Page - Texas Instruments |
|
28 / 79 page ![]() 3−9 • 0x48 – GPIO interrupt type register (all implemented bits) • 0x4C – Miscellaneous control register (all implemented bits) • 0x4C – Diagnostic register (all implemented bits) • 0x52 – Power management capabilities register (D3cold_PMESupport) • 0x54 – Power management control/status register (PMCSR.PME_STS, PMCSR.PME_ENB) PCI2040 PME context bits for HPI CSR space: • 0x00 / 0x04 – Interrupt event register (all implemented bits) • 0x08 / 0x0C – Interrupt mask register (all implemented bits) • 0x10 – HPI error report register (all implemented bits) • 0x14 – HPI reset register (all implemented bits) • 0x16 – HPI implementation register (all implemented bits) • 0x18 – HPI data width register (all implemented bits) RESET PCI_RST Non-PME Context PME Context GRST RESET Figure 3−3. PCI2040 Reset Illustration 3.9 Compact PCI Hot-Swap PCI2040 is hot-swap friendly silicon that will support all the hot-swap capable features, contain support for software control, and integrate circuitry required by the Compact PCI Hot Swap Specification PICMG 2.1. To be hot-swap capable, PCI2040 supports the following: • PCI Local Bus Specification, Revision 2.1 compliance • VCC from early power tolerant • Asynchronous reset • Precharge voltage tolerant • I/O buffers must meet modified V/I requirements • Limited I/O pin voltage at precharge voltage • Hot swap control and status programming via extended PCI capabilities linked list • Hot swap terminals: HSENUM, HSSWITCH, and HSLED CPCI hot-swap defines a process for installing and removing PCI boards without adversely affecting a running system. The PCI2040 provides this functionality such that it can be implemented on a board that can be removed and inserted in a hot-swap system. The PCI2040 provides three terminals to support hot-swap: HSENUM (output), HSSWITCH (input), and HSLED (output). The HSENUM output indicates to the system that an insertion event occurred or that a removal event is about to occur. The HSSWITCH input indicates that state of a board ejector handle, and the HSLED output lights a blue LED to signal insertion and removal ready status. The PCI2040 hot-swap functionality is controlled via the CPCI hot swap control and status register (see Section 4.35) in extended PCI configuration space. This register provides four bits for control: bit 7 (INS), bit 6 (EXT), bit 3 (LOO), |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |