Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 59 Page - Texas Instruments

Part # PCI2040
Description  PCI-DSP Bridge Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCI2040 Datasheet(HTML) 59 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 55Page - Texas Instruments PCI2040 Datasheet HTML 56Page - Texas Instruments PCI2040 Datasheet HTML 57Page - Texas Instruments PCI2040 Datasheet HTML 58Page - Texas Instruments PCI2040 Datasheet HTML 59Page - Texas Instruments PCI2040 Datasheet HTML 60Page - Texas Instruments PCI2040 Datasheet HTML 61Page - Texas Instruments PCI2040 Datasheet HTML 62Page - Texas Instruments PCI2040 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 79 page
background image
6−2
•
HPI data register (HPID). This register is directly accessible by the host and contains the data that was
read from the HPI memory if the current access is a read, or the data that will be written to the HPI
memory if the current access is a write.
The two control inputs, HCNTL1 and HCNTL0, indicate which internal register is being accessed as shown below.
Table 6−1. C54X HPI Registers Access Control
HCNTL1
HCNTL0
DESCRIPTION
0
0
PCI2040 read/write to HPI control register.
0
1
PCI2040 read/write to HPI data register. Address auto-increment is
selected.
1
0
PCI2040 read/write to HPI address register.
1
1
PCI2040 read/write to HPI data register. Address auto-increment is
not selected.
HPI control register is a 16-bit register but only 4 bits control the HPI operation. Because the transfer consists of two
consecutive half-words, the HPI control register is organized such that it has the same high and low half-word
contents. The control and status bits are located on the least significant 4 bits. When the host writes to the HPI control
register, both bytes must be the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com