Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 34 Page - Texas Instruments

Part # PCI2040
Description  PCI-DSP Bridge Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCI2040 Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 30Page - Texas Instruments PCI2040 Datasheet HTML 31Page - Texas Instruments PCI2040 Datasheet HTML 32Page - Texas Instruments PCI2040 Datasheet HTML 33Page - Texas Instruments PCI2040 Datasheet HTML 34Page - Texas Instruments PCI2040 Datasheet HTML 35Page - Texas Instruments PCI2040 Datasheet HTML 36Page - Texas Instruments PCI2040 Datasheet HTML 37Page - Texas Instruments PCI2040 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 79 page
background image
4−3
4.3
PCI Command Register
The system software accesses the status and command registers for error recovery, diagnostic, and control. This
register is provided to enable coarse control over a device’s ability to generate and respond to PCI cycles.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
PCI command
Type
R
R
R
R
R
R
R
RW
R
RW
R
R
R
R
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
PCI command
Type:
Read-only, Read/Write
Offset:
04h
Default:
0000h
Table 4−3. PCI Command Register
BIT
FIELD NAME
TYPE
DESCRIPTION
15−10
RSVD
R
Reserved. Bits 15−10 return 0s when read.
9
FBB−EN
R
Fast back-to-back (FBB) enable. This bit controls whether or not the device is allowed to perform
back-to-back capability for bus master transaction. This bit is hardwired to 0 and indicates that FBB
transfers are not supported by PCI2040.
8
SERR_EN
RW
System error (SERR) enable. This bit is an enable for the output driver on the SERR pin. If this bit is
cleared and a system error condition is set inside PCI2040, then the error signal will not appear on the
external SERR pin.
7
STEP_EN
R
Address/data stepping control. This bit indicates whether or not the device performs address stepping.
Since the PCI2040 does not require address stepping, this bit is hardwired to 0.
6
PERR_EN
RW
Parity error response enable. This bit controls whether or not the device responds to detected parity
errors. If this bit is set, then the PCI2040 responds normally to parity errors. If this bit is cleared, then
the PCI2040 ignores detected parity errors.
5
VGA_EN
R
VGA palette snoop. This bit is not applicable for PCI2040 and is hardwired to a 0.
4
MWI_EN
R
Memory write and invalidate enable. This bit enables the device to use the memory write and invalidate
command. Since the PCI2040 does not support MWI but uses MW instead, this bit is hardwired to 0.
3
Special
R
Special cycle. This bit controls the device’s response to special cycle commands. Since PCI2040 does
not monitor any special commands, this bit is set to 0.
2
MAST_EN
R
Bus master control. This bit allows a PCI device to function as a bus master. This bit is always 0 indicating
PCI2040 does not support PCI mastering.
1
MEM_EN
RW
Memory space enable. This bit enables the device to respond to memory accesses to any of the defined
base address memory regions. If this bit is cleared, then the PCI2040 will not respond to
memory-mapped accesses.
0
IO_EN
RW
I/O space control. This bit enables the device to respond to I/O accesses within its defined base address
register I/O regions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com