Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 49 Page - Texas Instruments

Part # PCI2040
Description  PCI-DSP Bridge Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCI2040 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 45Page - Texas Instruments PCI2040 Datasheet HTML 46Page - Texas Instruments PCI2040 Datasheet HTML 47Page - Texas Instruments PCI2040 Datasheet HTML 48Page - Texas Instruments PCI2040 Datasheet HTML 49Page - Texas Instruments PCI2040 Datasheet HTML 50Page - Texas Instruments PCI2040 Datasheet HTML 51Page - Texas Instruments PCI2040 Datasheet HTML 52Page - Texas Instruments PCI2040 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 79 page
background image
4−18
4.31 Power Management Control/Status Register
The power management control/status register determines and changes the current power state of the PCI2040. The
contents of this register are not affected by the internally generated reset caused by the transition from the D3hot to
D0 state. All PCI registers will be reset as a result of a D3hot-to-D0 state transition. TI specific registers, PCI power
management registers, and the legacy base address register are not reset.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Power management control/status
Type
RCU
R
R
R
R
R
R
RW
R
R
R
R
R
R
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Power management control/status
Type:
Read/Clear/Update/Write
Offset:
54h
Default:
0000h
Table 4−16. Power Management Control/Status Register
BIT
FIELD NAME
TYPE
DESCRIPTION
15
PME_STS
RCU
PME status. This bit is set when the PME signal is asserted, independent of the state of bit 8 (PME_EN).
This bit is cleared by a write back of 1, and this also clears the PME signal if PME was asserted. Writing
a 0 to this bit has no effect. This bit will NOT be cleared by the assertion of PCI_RST. It will only be cleared
by the assertion of GRST.
14−13
DATASCALE
R
Data scale. This two-bit field returns 0s when read.
12−9
DATASEL
R
Data select. This four-bit field returns 0s when read.
8
PME_EN
RW
PME enable. This bit enables the function to assert PME. If bit 8 is cleared, then assertion of PME is
disabled. Bit 8 is NOT cleared by the assertion of PCI_RST. It is only cleared by the assertion of GRST.
7−2
RSVD
R
Reserved. Bits 7−2 return 0s when read.
1−0
PWRSTATE
RW
Power state. This two-bit field is used both to determine the current power state of a function, and to set
the function into a new power state. This field is encoded as:
00 = D0
01 = D1
10 = D2
11 = D3hot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com