Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 39 Page - Texas Instruments

Part # PCI2040
Description  PCI-DSP Bridge Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCI2040 Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 35Page - Texas Instruments PCI2040 Datasheet HTML 36Page - Texas Instruments PCI2040 Datasheet HTML 37Page - Texas Instruments PCI2040 Datasheet HTML 38Page - Texas Instruments PCI2040 Datasheet HTML 39Page - Texas Instruments PCI2040 Datasheet HTML 40Page - Texas Instruments PCI2040 Datasheet HTML 41Page - Texas Instruments PCI2040 Datasheet HTML 42Page - Texas Instruments PCI2040 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
4−8
4.12 Control Space Base Address Register
The control space base address register allows the host to map the PCI2040’s 32K bytes of control space into host
memory.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Control space base address
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Control space base address
Type
RW
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Control space base address
Type:
Read-only, Read/Write
Offset:
14h
Default:
0000 0000h
Table 4−6. Control Space Base Address Register
BIT
FIELD NAME
TYPE
DESCRIPTION
31−15
AVAIL_ADD
RW
Available address bits. Bits 31−15 allow the host to map the PCI2040’s 32K bytes of control space into
memory. See Sections 3.5.2, DSP Chip Selects, and 3.5.3, HPI Register Access Control, for details
on addressing the control space.
14−4
RSVD
R
Reserved. Bits 14−4 return 0s when read.
3
PREFETCHABLE
R
Prefetchable. This bit is hardwired to 0 in the PCI2040. The control space is not prefetchable.
2−1
TYPE
R
Type. Bits 2 and 1 indicate the size of the base address and how it can be mapped into the host memory.
These bits are hardwired to 00 in the PCI2040 to indicate that a 32-bit base address register is used
which can be located anywhere in memory.
0
MEM_IND
R
Memory space indicator. This bit indicates whether the base address maps into the host’s memory or
I/O space. This bit is hardwired to 0 in the PCI2040 to indicate that the control space is
memory-mapped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com