Electronic Components Datasheet Search
  English  ▼

X  

TLC1518IPW Datasheet(PDF) 16 Page - Texas Instruments

Part # TLC1518IPW
Description  5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC1518IPW Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC1518IPW Datasheet HTML 12Page - Texas Instruments TLC1518IPW Datasheet HTML 13Page - Texas Instruments TLC1518IPW Datasheet HTML 14Page - Texas Instruments TLC1518IPW Datasheet HTML 15Page - Texas Instruments TLC1518IPW Datasheet HTML 16Page - Texas Instruments TLC1518IPW Datasheet HTML 17Page - Texas Instruments TLC1518IPW Datasheet HTML 18Page - Texas Instruments TLC1518IPW Datasheet HTML 19Page - Texas Instruments TLC1518IPW Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
TLC1514, TLC1518
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
SLAS252 – DECEMBER 1999
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
modes using the FIFO: modes 01, 10, 11 timing (continued)
Mode 10 (sweep mode) requires reconfiguration at the start of each new sweep sequence. Once the FIFO is
filled up to the programmed threshold, the host has the option to either read the FIFO or configure for other
modes. Once the FIFO is read, the host must reconfigure the device before the next sweep sequence can be
started. So the sequence is either configure : triggered conversions : FIFO read : configure. or configure :
triggered conversions : configure : .... Each configure clears the FIFO and the action that follows the configure
command depends on the mode setting of the device.
Mode 11 (repeat sweep mode) requires one cycle configuration. This sweep sequence can be repeated without
reconfiguration. Once the FIFO is filled up to the programmed threshold, the host has the option to either read
the FIFO or configure for other modes. So the sequence is either configure : triggered conversions : FIFO read
: triggered conversions : FIFO read ... or configure : triggered conversions : configure : .... Each configure clears
the FIFO and the action that follows the configure command depends on the mode setting of the device.
CS
CSTART
SDI
INT
SDO
From Channel 0
FS
(DSP)
From Channel 3
Configure
Conversion
Conversion
Read FIFO
#1
#2
#3
#4
Top of FIFO
‡
‡
†
‡‡
‡
tsample(1)
Read FIFO
#1
From Channel 0
Conversion
From Channel 3
Conversion
Repeat
Second FIFO Read
Repeat
tsample(2)
tsample(3)
First FIFO Read
tconvert
tconvert
tSample(i) > = MIN(tSample)
tsample(4)
† Command = Configure write for mode 10 or 11, FIFO threshold = 1/2, sweep seq = 0–1–2–3.
‡ Command = Read FIFO
Figure 12. TLC1514/TLC1518 Mode 10/11 DSP Serial Interface (conversions triggered by FS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com