Electronic Components Datasheet Search
  English  ▼

X  

TLC1518IPW Datasheet(PDF) 18 Page - Texas Instruments

Part # TLC1518IPW
Description  5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC1518IPW Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC1518IPW Datasheet HTML 14Page - Texas Instruments TLC1518IPW Datasheet HTML 15Page - Texas Instruments TLC1518IPW Datasheet HTML 16Page - Texas Instruments TLC1518IPW Datasheet HTML 17Page - Texas Instruments TLC1518IPW Datasheet HTML 18Page - Texas Instruments TLC1518IPW Datasheet HTML 19Page - Texas Instruments TLC1518IPW Datasheet HTML 20Page - Texas Instruments TLC1518IPW Datasheet HTML 21Page - Texas Instruments TLC1518IPW Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
TLC1514, TLC1518
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
SLAS252 – DECEMBER 1999
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FIFO operation
76543210
ADC
12-BIT
×8
FIFO
OD
Serial
FIFO Full
FIFO 3/4 Full
FIFO 1/2 Full
FIFO 1/4 Full
FIFO Threshold Pointer
Figure 15. TLC1514/TLC1518 FIFO
The device has an 8 layer FIFO that can be programmed for different thresholds. An interrupt is sent to the host
after the preprogrammed threshold is reached. The FIFO can be used to store data from either a fixed channel
or a series of channels based on a preprogrammed sweep sequence. For example, an application may require
eight measurements from channel 3. In this case, the FIFO is filled with 8 data sequentially taken from channel
3. Another application may require data from channel 0, channel 2, channel 4, and channel 6 in an orderly
manner. Therefore, the threshold is set for 1/2 and the sweep sequence 0–2–4–6–0–2–4–6 is chosen. An
interrupt is sent to the host as soon as all four data are in the FIFO.
SCLK and conversion speed
There are multiple ways to adjust the conversion speed.
D The SCLK is used as the source of the conversion clock and 14 conversion clocks are required to complete
a conversion.
The devices can operate with an SCLK up to 20 MHz for the supply voltage range specified. The clock
divider provides speed options appropriate for an application where a high speed SCLK is used for faster
I/O. The total conversion time is 14
× (DIV/fSCLK) where DIV is 1 or 2. For example a 20-MHz SCLK with the
divide by 2 option produces a 14
× (2/20 M) = 1.4 µs conversion time. The maximum equivalent conversion
clock (fSCLK/DIV) should not exceed 10 MHz.
D Auto power down can be used. This mode is always on. If the device is not accessed (by CS or CSTART),
the converter is powered down to save power. The built-in reference is left on in order to quickly resume
operation within one half SCLK period. This provides unlimited choices to trade speed with power savings.
reference voltage
The device has a built-in reference with a level of 4 V. If the internal reference is used, REFP is set to 4 V and
REFM is set to 0 V. An external reference can also be used through two reference input pins, REFP and REFM,
if the reference source is programmed as external. The voltage levels applied to these pins establish the upper
and lower limits of the analog inputs to produce a full-scale and zero-scale reading respectively. The values of
REFP, REFM, and the analog input should not exceed the positive supply or be lower than GND consistent with
the specified absolute maximum ratings. The digital output is at full scale when the input signal is equal to or
higher than REFP and at zero when the input signal is equal to or lower than REFM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com