Electronic Components Datasheet Search
  English  ▼

X  

TLC1518IPW Datasheet(PDF) 31 Page - Texas Instruments

Part # TLC1518IPW
Description  5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC1518IPW Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLC1518IPW Datasheet HTML 27Page - Texas Instruments TLC1518IPW Datasheet HTML 28Page - Texas Instruments TLC1518IPW Datasheet HTML 29Page - Texas Instruments TLC1518IPW Datasheet HTML 30Page - Texas Instruments TLC1518IPW Datasheet HTML 31Page - Texas Instruments TLC1518IPW Datasheet HTML 32Page - Texas Instruments TLC1518IPW Datasheet HTML 33Page - Texas Instruments TLC1518IPW Datasheet HTML 34Page - Texas Instruments TLC1518IPW Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
TLC1514, TLC1518
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
SLAS252 – DECEMBER 1999
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–70
–65
–60
–55
–50
0
50
100
150
200
Figure 32
f – Frequency – kHz
SIGNAL-TO-NOISE + DISTORTION
vs
INPUT FREQUENCY
VCC = 5 V, External Reference = 4 V,
InternalOSC, Single Shot, Short Sample,
Mode 00
µP Mode
7
7.5
8.0
8.5
9.0
9.5
10.0
0
50
100
150
200
Figure 33
f – Frequency – kHz
EFFECTIVE NUMBER OF BITS
vs
INPUT FREQUENCY
VCC = 5 V, External Reference = 4 V,
Internal OSC, Single Shot, Short Sample,
Mode 00
µP Mode
–90
–85
–80
–75
–70
–65
–60
0
25
50
75
100
125
150
175
200
Figure 34
TOTAL HARMONIC DISTORTION
vs
INPUT FREQUENCY
f – Frequency – kHz
VCC = 5 V, External Reference = 4 V,
Internal OSC, Single Shot, Short Sample,
Mode 00
µP Mode
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
150
175
200
Figure 35
f – Frequency – kHz
SPURIOUS FREE DYNAMIC RANGE
vs
INPUT FREQUENCY
VCC = 5 V, External Reference = 4 V,
Internal OSC, Single Shot, Short Sample,
Mode 00
µP Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com