Electronic Components Datasheet Search
  English  ▼

X  

TLC1518IPW Datasheet(PDF) 26 Page - Texas Instruments

Part # TLC1518IPW
Description  5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC1518IPW Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLC1518IPW Datasheet HTML 22Page - Texas Instruments TLC1518IPW Datasheet HTML 23Page - Texas Instruments TLC1518IPW Datasheet HTML 24Page - Texas Instruments TLC1518IPW Datasheet HTML 25Page - Texas Instruments TLC1518IPW Datasheet HTML 26Page - Texas Instruments TLC1518IPW Datasheet HTML 27Page - Texas Instruments TLC1518IPW Datasheet HTML 28Page - Texas Instruments TLC1518IPW Datasheet HTML 29Page - Texas Instruments TLC1518IPW Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
TLC1514, TLC1518
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
SLAS252 – DECEMBER 1999
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 20
0.15
0.16
0.17
0.18
0.19
0.20
–40
–15
10
35
60
85
TA – Temperature – °C
INTEGRAL NONLINEARITY
vs
TEMPERATURE
VCC = 5 V,
Internal Reference = 4 V,
Internal OSC,
Single Shot,
Short Sample,
Mode 00
µP mode
Figure 21
0.15
0.175
0.200
0.225
0.250
–40
–15
10
35
60
85
TA – Temperature – °C
DIFFERENTIAL NONLINEARITY
vs
TEMPERATURE
VCC = 5 V,
Internal Reference = 4 V,
Internal OSC,
Single Shot,
Short Sample,
Mode 00
µP mode
Figure 22
0.6
0.625
0.650
0.675
0.700
0.725
0.750
0.775
0.800
–40
–15
10
35
60
85
OFFSET ERROR
vs
TEMPERATURE
TA – Temperature – °C
VCC = 5 V,
External Reference = 4 V,
SCLK = 20 MHz,
Single Shot,
Short Sample,
Mode 00
µP mode
Figure 23
–0.1
–0.075
–0.050
–0.025
–0.000
0.025
0.050
–40
–15
10
35
60
85
GAIN ERROR
vs
TEMPERATURE
TA – Temperature – °C
VCC = 5 V,
External Reference = 4 V,
SCLK = 20 MHz,
Single Shot,
Short Sample,
Mode 00
µP mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com