Electronic Components Datasheet Search
  English  ▼

X  

TLC1518IPW Datasheet(PDF) 35 Page - Texas Instruments

Part # TLC1518IPW
Description  5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC1518IPW Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLC1518IPW Datasheet HTML 31Page - Texas Instruments TLC1518IPW Datasheet HTML 32Page - Texas Instruments TLC1518IPW Datasheet HTML 33Page - Texas Instruments TLC1518IPW Datasheet HTML 34Page - Texas Instruments TLC1518IPW Datasheet HTML 35Page - Texas Instruments TLC1518IPW Datasheet HTML 36Page - Texas Instruments TLC1518IPW Datasheet HTML 37Page - Texas Instruments TLC1518IPW Datasheet HTML 38Page - Texas Instruments TLC1518IPW Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
TLC1514, TLC1518
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
SLAS252 – DECEMBER 1999
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
power down calculations
i(AVERAGE) = (fS/fSMAX) × i(ON) + (1–fS/fSMAX) × i(OFF)
CASE 1: If VDD = 5 V, auto power down, and an external reference is used:
f
S +
20
kHz
f
SMAX +
400
kHz
i (ON)
+X 4 mA operating current and i(OFF) +X 5 mA auto power-down current
so
i (AVERAGE)
+ 0.05
4000
mA ) 0.95
5
mA + 0.21 mA
CASE 2: Now if software power down is used, another cycle is needed to shut it down.
f
S +
40
kHz
f
SMAX +
400
kHz
i (ON)
+X 4 mA operating current and i(OFF) +X 5 mA power-down current
so
i (AVERAGE)
+ 0.1
4000
mA ) 0.9
5
mA + 0.41 mA
In reality this will be less since the second conversion never happened. It is only the additional cycle to shut down
the ADC.
CASE 3: Now if the hardware power down is used.
f
S +
20
kHz
f
SMAX +
400
kHz
i (ON)
+X 4 mA operating current and i(OFF) +X 5 mA power-down current
so
i (AVERAGE)
+ 0.05
4000
mA ) 0.95
5
mA + 0.21 mA
difference between modes of conversion
The major difference between sweep mode (mode 10) and repeat sweep mode (mode 11) is that the sweep
sequence ends after the FIFO is filled up to the programmed threshold. The repeat sweep can either dump the
FIFO (by ignoring the FIFO content but simply reconfiguring the device) or read the FIFO and then repeat the
conversions on the the same sequence of the channel as before.
FIFO reads are expected after the FIFO is filled up to the threshold in each case. Mode 10 – the device allows
only FIFO read or CFR read or CFR write to be executed. Any conversion command is ignored. In the case of
mode 11, in addition to the above commands, conversion commands are also executed , i.e. the FIFO is cleared
and the sweep sequence is restarted.
Both single shot and repeat modes require selection of a channel after the device is configured for these modes.
Single shot mode does not use the FIFO, but repeat mode does. When the device is operating in repeat mode,
the FIFO can be dumped (by ignoring the FIFO content and simply reconfiguring the device) or the FIFO can
be read and then the conversions repeated on the same channel as before. However, the channel has to be
selected first before any conversion can be carried out. The devices can be programmed with the following
sequences for operating in the different modes that use a FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com