Electronic Components Datasheet Search
  English  ▼

X  

TLC1518IPW Datasheet(PDF) 32 Page - Texas Instruments

Part # TLC1518IPW
Description  5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC1518IPW Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLC1518IPW Datasheet HTML 28Page - Texas Instruments TLC1518IPW Datasheet HTML 29Page - Texas Instruments TLC1518IPW Datasheet HTML 30Page - Texas Instruments TLC1518IPW Datasheet HTML 31Page - Texas Instruments TLC1518IPW Datasheet HTML 32Page - Texas Instruments TLC1518IPW Datasheet HTML 33Page - Texas Instruments TLC1518IPW Datasheet HTML 34Page - Texas Instruments TLC1518IPW Datasheet HTML 35Page - Texas Instruments TLC1518IPW Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
TLC1514, TLC1518
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
SLAS252 – DECEMBER 1999
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
1000000000
0111111111
0000000010
0000000001
0000000000
1111111110
0
0.00976
2.4937
2.4986
2.5034
1000000001
1111111101
1111111111
4.9874
4.9922
4.9871
512
511
2
1
0
1022
513
1021
1023
VI – Analog Input Voltage – V
VZT =VZS + 1/2 LSB
VZS
See Notes A and B
0.00488
VFT = VFS – 1/2 LSB
VFS
VFS Nom
NOTES: A. This curve is based on the assumption that Vref+ and Vref– have been adjusted so that the voltage at the transition from digital 0 to
1 (VZT) is 2.44 mV, and the transition to full scale (VFT) is 4.9898 V, 1 LSB = 4.88 mV.
B. The full scale value (VFS) is the step whose nominal midstep value has the highest absolute value. The zero-scale value (VZS) is
the step whose nominal midstep value equals zero.
Figure 36. Ideal 10-Bit ADC Conversion Characteristics
GND
CS
XF
TMS320 DSP
TLC1514/
TLC1518
SDI
SDO
SCLK
INT
TXD
RXD
CLKR
BIO
10 k
Ω
vcc
AIN
VDD
FSR
FS
CLKX
FSX
Figure 37. Typical Interface to a TMS320 DSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com