Electronic Components Datasheet Search
  English  ▼

X  

TLC1518IPW Datasheet(PDF) 33 Page - Texas Instruments

Part # TLC1518IPW
Description  5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC1518IPW Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLC1518IPW Datasheet HTML 29Page - Texas Instruments TLC1518IPW Datasheet HTML 30Page - Texas Instruments TLC1518IPW Datasheet HTML 31Page - Texas Instruments TLC1518IPW Datasheet HTML 32Page - Texas Instruments TLC1518IPW Datasheet HTML 33Page - Texas Instruments TLC1518IPW Datasheet HTML 34Page - Texas Instruments TLC1518IPW Datasheet HTML 35Page - Texas Instruments TLC1518IPW Datasheet HTML 36Page - Texas Instruments TLC1518IPW Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
TLC1514, TLC1518
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
SLAS252 – DECEMBER 1999
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
simplified analog input analysis
Using the equivalent circuit in Figure 39, the time required to charge the analog input capacitance from 0 to VS
within 1/2 LSB can be derived as follows.
The capacitance charging voltage is given by:
Vc
+ Vs 1–EXP
–tc
Rt
Ci
Where
Rt = Rs + Zi
tc = Cycle time
(1)
The input impedance Zi is 0.5 k
Ω at 5 V. The final voltage to 1/2 LSB is given by:
VC (1 2 LSB)
+ VS–
VS
2048
(2)
Equating equation 1 to equation 2 and solving for cycle time tc gives:
Vs–
VS
2048
+ Vs 1–EXP
–tc
Rt
Ci
(3)
and time to change to 1/2 LSB (minimum sampling time) is:
tch (1 2 LSB)
+ Rt
Ci
In(2048)
Where
In(2048) = 7.625
Therefore, with the values given, the time for the analog input signal to settle is:
tch (1 2 LSB)
+ (Rs ) 0.5 kW)
Ci
In(2048)
(4)
This time must be less than the converter sample time shown in the timing diagrams. This is 12
× SCLKs (if the
sampling mode is short normal sampling mode).
tch (1 2 LSB)
v 12
1
f (SCLK)
(5)
Therefore the maximum SCLK frequency is:
max f (SCLK)
+
12
tch 1 2 LSB
+
12
[In(2048)
Rt
Ci]
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com