Electronic Components Datasheet Search
  English  ▼

X  

TMP390 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMP390
Description  TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-μA, Resistor-Programmable Temperature Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP390 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMP390 Datasheet HTML 11Page - Texas Instruments TMP390 Datasheet HTML 12Page - Texas Instruments TMP390 Datasheet HTML 13Page - Texas Instruments TMP390 Datasheet HTML 14Page - Texas Instruments TMP390 Datasheet HTML 15Page - Texas Instruments TMP390 Datasheet HTML 16Page - Texas Instruments TMP390 Datasheet HTML 17Page - Texas Instruments TMP390 Datasheet HTML 18Page - Texas Instruments TMP390 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
TMP39x
VDD
SETA
SETB
OUTA
OUTB
GND
33.2 kŸ
10 kŸ
0.1 µF
3.3 V
15
TMP392
www.ti.com
SNIS216 – NOVEMBER 2019
Product Folder Links: TMP392
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.2.3 One Channel Operation for Hot Trip Point up to 124°C
Figure 13 shows the TMP392 configured for one channel operation, with a single resistor to set the hot trip point
and hysteresis. Table 4 shows the possible resistor values and hysteresis values that may be used for one
channel applications.
Figure 13. TMP392 One Channel (Hot) Operation Example Circuit With 78°C Trip Point and 5°C
Hysteresis
Table 4. Single Resistor One Channel Setting
NOMINAL 1% RESISTOR (KΩ)
CHANNEL A TRIP
TEMPERATURE (°C)
HYSTERESIS (°C)
10.5
62
5
12.1
64
5
14.0
66
5
16.2
68
5
18.7
70
5
21.5
72
5
24.9
74
5
28.7
76
5
33.2
78
5
38.3
80
5
44.2
82
5
51.1
84
5
59.0
86
5
68.1
88
5
78.7
90
5
90.0
92
5
105
94
10
121
96
10
140
98
10
162
100
10
187
102
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com