Electronic Components Datasheet Search
  English  ▼

X  

TMP390 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP390
Description  TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-μA, Resistor-Programmable Temperature Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP390 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP390 Datasheet HTML 2Page - Texas Instruments TMP390 Datasheet HTML 3Page - Texas Instruments TMP390 Datasheet HTML 4Page - Texas Instruments TMP390 Datasheet HTML 5Page - Texas Instruments TMP390 Datasheet HTML 6Page - Texas Instruments TMP390 Datasheet HTML 7Page - Texas Instruments TMP390 Datasheet HTML 8Page - Texas Instruments TMP390 Datasheet HTML 9Page - Texas Instruments TMP390 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
100
110
120
130
140
150
160
170
180
190
200
D005
Load Current (mA)
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
140
160
180
200
D004
1.62 V
2.2 V
3.3 V
5.5 V
Temperature (qC)
30
40
50
60
70
80
90
100
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
D002
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
D001
-55qC
25qC
130qC
Temperature (qC)
30
40
50
60
70
80
90
100
110
120
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
D006
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100 120 140 160
0
0.2
0.4
0.6
0.8
1
1.2
1.4
D002
1.62 V
3.3 V
4.4 V
5.5 V
6
TMP392
SNIS216 – NOVEMBER 2019
www.ti.com
Product Folder Links: TMP392
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.6 Typical Characteristics
(VS = 1.62 V, 3.3 V, 4.4 V, 5.5 V)
Figure 1. Average Supply Current vs Operating Temperature
(VS = 3.3 V)
Figure 2. Hot Trip Point Accuracy vs Operating Temperature
(VS = 3.3 V)
Figure 3. Warm Trip Point Accuracy vs Operating
Temperature
Figure 4. Sampling Period Variation vs Supply Voltage
Figure 5. Conversion Current vs Supply Voltage
(TAMB = 25°C)
Figure 6. Output Voltage vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com