Electronic Components Datasheet Search
  English  ▼

X  

TMP390 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP390
Description  TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-μA, Resistor-Programmable Temperature Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP390 Datasheet(HTML) 4 Page - Texas Instruments

  TMP390 Datasheet HTML 1Page - Texas Instruments TMP390 Datasheet HTML 2Page - Texas Instruments TMP390 Datasheet HTML 3Page - Texas Instruments TMP390 Datasheet HTML 4Page - Texas Instruments TMP390 Datasheet HTML 5Page - Texas Instruments TMP390 Datasheet HTML 6Page - Texas Instruments TMP390 Datasheet HTML 7Page - Texas Instruments TMP390 Datasheet HTML 8Page - Texas Instruments TMP390 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
TMP392
SNIS216 – NOVEMBER 2019
www.ti.com
Product Folder Links: TMP392
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Powering the device when the operating junction temperature is outside the Recommended Operating Conditions, may affect the
functional operation of the device. The device must be power cycled after the system has returned to conditions as indicated under
Recommended Operating Conditions.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply voltage
VDD
–0.3
6
V
Voltage at
OUTA, OUTB
-0.3
6
V
Voltage at
SETA, SETB
–0.3
VDD + 0.3
V
Junction temperature, TJ
–55
150
°C
Storage temperature, Tstg
–60
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
Where VDDIO is an independent power supply other than VDD, and shall not exceed (VDD + 0.3) V.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VDD
Supply voltage
1.62
3.3
5.5
V
VOUTA
Channel A output pull-up voltage (open-drain)
VDD + 0.3
V
VOUTB
Channel B output pull-up voltage (open-drain)
VDD + 0.3
V
ISETA
SETA pin circuit leakage current
-20
20
nA
ISETB
SETB pin circuit leakage current
-20
20
nA
RPA
Pullup resistor connected from OUTA to VDDIO(1)
1
10
k
Ω
RPB
Pullup resistor connected from OUTB to VDDIO(1)
TA
Operating free-air temperature (specified performance)
–55
130
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor IC Package Thermal Metrics application report,
(SPRA953).
6.4 Thermal Information
THERMAL METRIC(1)
TMP392
UNIT
DRL (SOT)
6 PINS
RθJA
Junction-to-ambient thermal resistance
230
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
103.4
°C/W
RθJB
Junction-to-board thermal resistance
111.6
°C/W
ψJT
Junction-to-top characterization parameter
5.3
°C/W
ψJB
Junction-to-board characterization parameter
110.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com