Electronic Components Datasheet Search
  English  ▼

X  

TMP390 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP390
Description  TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-μA, Resistor-Programmable Temperature Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP390 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP390 Datasheet HTML 6Page - Texas Instruments TMP390 Datasheet HTML 7Page - Texas Instruments TMP390 Datasheet HTML 8Page - Texas Instruments TMP390 Datasheet HTML 9Page - Texas Instruments TMP390 Datasheet HTML 10Page - Texas Instruments TMP390 Datasheet HTML 11Page - Texas Instruments TMP390 Datasheet HTML 12Page - Texas Instruments TMP390 Datasheet HTML 13Page - Texas Instruments TMP390 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Time (s)
Time (s)
OUTA
OUTB
Hysteresis:
5°C, or 10°C
(Channel A)
Hot threshold
(Channel B)
Warm threshold
SETA
SETB
Trip test
asserts output
10
TMP392
SNIS216 – NOVEMBER 2019
www.ti.com
Product Folder Links: TMP392
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Figure 8. TMP392 Trip Test Operation
7.3.3 20°C Hysteresis
The 20°C hysteresis feature is only available on Channel A. To activate the feature, the SETB pin must be
connected to ground and SETA pin connected to the resistor to set the appropriate trip point on Channel A.
7.4 Device Functional Modes
The device has one mode of operation, as described above, that applies when operated within the
Recommended Operating Conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com