Electronic Components Datasheet Search
  English  ▼

X  

TMP390 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP390
Description  TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-μA, Resistor-Programmable Temperature Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP390 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP390 Datasheet HTML 5Page - Texas Instruments TMP390 Datasheet HTML 6Page - Texas Instruments TMP390 Datasheet HTML 7Page - Texas Instruments TMP390 Datasheet HTML 8Page - Texas Instruments TMP390 Datasheet HTML 9Page - Texas Instruments TMP390 Datasheet HTML 10Page - Texas Instruments TMP390 Datasheet HTML 11Page - Texas Instruments TMP390 Datasheet HTML 12Page - Texas Instruments TMP390 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
TMP392
www.ti.com
SNIS216 – NOVEMBER 2019
Product Folder Links: TMP392
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
Table 1. TMP392 Channel A Threshold Setting (continued)
CHANNEL A (HOT)
TRIP TEMPERATURE
(°C)
CHANNEL A NOMINAL 1%
RESISTORS (KΩ)
CHANNEL A (HOT) TRIP RESET
TEMPERATURE (°C) FOR
HYSTERESIS = 5°C
CHANNEL A (HOT) TRIP RESET
TEMPERATURE (°C) FOR
HYSTERESIS = 10°C
122
787
117
112
124
909
119
114
NOTE
When the SETA pin is grounded or left floating during the device power up, the OUTA pin
always stays low. The Channel B functionality is not affected by the SETA channel.
Table 2. TMP392 Channel B Threshold and Hysteresis Setting
CHANNEL B
(WARM) TRIP
TEMPERATURE (°C)
CHANNEL B NOMINAL 1% RESISTORS (KΩ)
CHANNEL B (WARM) TRIP RESET TEMPERATURE (°C)
HYSTERESIS = 5°C
HYSTERESIS = 10°C
HYSTERESIS = 5°C
HYSTERESIS = 10°C
30
90.9
105
25
20
35
78.7
121
30
25
40
68.1
140
35
30
45
59.0
162
40
35
50
51.1
187
45
40
55
44.2
215
50
45
60
38.3
249
55
50
65
33.2
287
60
55
70
28.7
332
65
60
75
24.9
383
70
65
80
21.5
442
75
70
85
18.7
511
80
75
90
16.2
590
85
80
95
14.0
681
90
85
100
12.1
787
95
90
105
10.5
909
100
95
NOTE
When the SETB pin is grounded or left floating during the POR, the OUTB pin always
stays low and the Channel A hysteresis is set to 20°C.
7.3.2 Trip Test
The purpose of the trip test is in system manufacturing test without putting the TMP392 through costly
temperature verification of the assembly of TMP392 and pullup resistors. When the SETA or SETB pin is set to a
high logic level, the associated output goes low. When the input pin level goes low, the output goes to its
previous condition before the trip test. The trip test does not affect the current condition of the device. The trip
test signals should stay above 0.8 × VDD for logic high and below 0.2 × VDD for logic low.
The trip test operation is shown in Figure 8. The trip test must be performed with a single toggle when the device
is operating at a temperature that will not cause the corresponding output to trip. The trip test is intended for
production testing after assembly, and must not be used as a functional feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com