Electronic Components Datasheet Search
  English  ▼

X  

TMP390 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP390
Description  TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-μA, Resistor-Programmable Temperature Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP390 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP390 Datasheet HTML 8Page - Texas Instruments TMP390 Datasheet HTML 9Page - Texas Instruments TMP390 Datasheet HTML 10Page - Texas Instruments TMP390 Datasheet HTML 11Page - Texas Instruments TMP390 Datasheet HTML 12Page - Texas Instruments TMP390 Datasheet HTML 13Page - Texas Instruments TMP390 Datasheet HTML 14Page - Texas Instruments TMP390 Datasheet HTML 15Page - Texas Instruments TMP390 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Time (s)
Time (s)
OUTA
OUTB
(Channel A)
Hot threshold
(Channel B)
Warm threshold
12
TMP392
SNIS216 – NOVEMBER 2019
www.ti.com
Product Folder Links: TMP392
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.2 Detailed Design Procedure
The resistor to ground values on the SETA input sets the TTRIP threshold of Channel A. The resistor to ground
value on the SETB input sets the TTRIP threshold of Channel B—as well as the THYST 5°C and 10°C options. TI
recommends that the resistors at SETA and SETB have a 1% tolerance at room temperature. Each resistor can
range from 1.05 K
Ω to 909 KΩ, representing one of 48 unique values. The exact temperature thresholds and trip
points are shown in Table 1 and Table 2. The pullup resistors should be at least 1 kΩ to minimize internal power
dissipation. To get the correct threshold for resistor values, take care to minimize the board level capacitance
and leakage at the SETA and SETB pins.
The waveform for the TMP392 output for hot/warm thresholds is shown in Figure 10. The hysteresis can be set
to 5°C, 10°C, or 20°C. When the temperature exceeds the hot trip point threshold, OUTA goes low until the
temperature drops below the hysteresis threshold. When the temperature exceeds the warm trip threshold,
OUTB goes low and returns high after the temperature drops below the hysteresis threshold. If the switch has
already tripped and the temperature is in the hysteresis band, a POR event will cause the output to go high after
the power is restored.
8.2.1.3 Application Curves
Figure 10. TMP392 Output With Hot/Warm Thresholds and Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com