Electronic Components Datasheet Search
  English  ▼

X  

TMP390 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP390
Description  TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-μA, Resistor-Programmable Temperature Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP390 Datasheet(HTML) 5 Page - Texas Instruments

  TMP390 Datasheet HTML 1Page - Texas Instruments TMP390 Datasheet HTML 2Page - Texas Instruments TMP390 Datasheet HTML 3Page - Texas Instruments TMP390 Datasheet HTML 4Page - Texas Instruments TMP390 Datasheet HTML 5Page - Texas Instruments TMP390 Datasheet HTML 6Page - Texas Instruments TMP390 Datasheet HTML 7Page - Texas Instruments TMP390 Datasheet HTML 8Page - Texas Instruments TMP390 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
TMP392
www.ti.com
SNIS216 – NOVEMBER 2019
Product Folder Links: TMP392
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Trip point accuracy test conditions is from 30°C to 130°C, since for the TMP392 the trip points for both channels is from 30°C to 124°C
(2)
Recommended Value
6.5 Electrical Characteristics
Minimum and maximum specifications are over -55°C to 130°C and VDD = 1.62V - 5.5V (unless otherwise noted); typical
specifications are at TA = 25°C and VDD = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE TO DIGITAL CONVERTER
TEMPERATURE MEASUREMENT
Trip Point Accuracy
TMP392A2
30°C to 70°C, VDD = 2.5V
to 5.5V(1)
-1.5
±0.5
1.5
°C
30°C to 70°C, VDD =
1.62V to 2.5V(1)
-2.0
±0.5
2.0
30°C to 130°C, VDD =
2.5V to 5.5V(1)
-2.5
±0.5
2.5
30°C to 130°C, VDD =
1.62V to 2.5V(1)
-3.0
±0.5
3.0
TMP392A3
30°C to 70°C(1)
-2.0
±0.5
2.0
°C
30°C to 130°C(1)
-3.5
3.5
°C
THYST
Trip point hysteresis
Table 2 selection column 2
5
°C
Table 2 selection column 3
10
°C
Channel A only when SETB connected
to GND
20
°C
TRIP POINT RESISTOR PROGRAMMING
SETA resistor range
1.05
909
k
Ω
SETB resistor range
10.5
909
k
Ω
SETA & SETB resistor tolerance
TA=25°C
-1.0
1.0
%
SETA & SETB resistor
temperature coefficient(2)
-100
100
ppm/°C
SETA & SETB resistor lifetime
drift(2)
-0.2
0.2
%
DIGITAL INPUT/OUTPUT
CIN
Input capacitance for SETA &
SETB (includes PCB)
50
pF
RPD
Internal Pull down resistance
SETA & SETB
125
kΩ
VOL
Output logic low level
IOL = -3 mA
0
0.4
V
ILKG
Leakage current on output high
level
-0.1
0.1
µA
TCov
Conversion duration
0.65
ms
TS
Sampling period
0.5
s
POWER SUPPLY
IQ
Average Quiescent current
VDD = 1.62V to 3.3V
0.5
1
μA
IStandby
Standby current
0.25
IConv
Conversion current
135
μA
ISU
Startup (Reset) peak current
Reset Time interval only.
250
μA
VPOR
Power-on-reset threshold voltage
Supply going up
1.5
V
Brownout detect
Supply going down
1.1
V
Power Reset Time
Time required by device to reset after
power up
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com