Electronic Components Datasheet Search
  English  ▼

X  

TMP390 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMP390
Description  TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-μA, Resistor-Programmable Temperature Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP390 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP390 Datasheet HTML 13Page - Texas Instruments TMP390 Datasheet HTML 14Page - Texas Instruments TMP390 Datasheet HTML 15Page - Texas Instruments TMP390 Datasheet HTML 16Page - Texas Instruments TMP390 Datasheet HTML 17Page - Texas Instruments TMP390 Datasheet HTML 18Page - Texas Instruments TMP390 Datasheet HTML 19Page - Texas Instruments TMP390 Datasheet HTML 20Page - Texas Instruments TMP390 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
TMP392
VDD
SETA
SETB
OUTA
OUTB
GND
215 kŸ
10 kŸ
0.1 µF
3.3 V
17
TMP392
www.ti.com
SNIS216 – NOVEMBER 2019
Product Folder Links: TMP392
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.2.4 One Channel Operation for Warm Trip Point from 30°C up to 105°C
Figure 15 shows the TMP392 configured for one channel operation, with a single resistor to set the warm trip
point and hysteresis. The resistor values for one channel warm trip point is same as described in Table 2.
Figure 15. TMP392 One Channel (Warm) Operation Example Circuit With 55°C Trip Point and 10°C
Hysteresis
9 Power Supply Recommendations
The low supply current and wide supply range of the TMP392 allow the device to be powered from many
sources. VDDIO must always be lower than or equal to VDD + 0.3 V.
Power supply bypassing is strongly recommended by adding a 0.1-µF capacitor from VDD to GND. In noisy
environments, TI recommends to add a filter with 0.1-µF capacitor and 100-Ω resistor between external supply
and VDD to limit the power supply noise.
10 Layout
10.1 Layout Guidelines
The TMP392 is extremely simple to layout. Place the power supply bypass capacitor as close to the device as
possible, and connect the capacitor as shown in Figure 16. Place the RSETA and RSETB resistors as close to the
device as possible. Carefully consider the resistor placement to avoid additional leakage or parasitic capacitance,
as this may affect the actual resistor sense value for the trip thresholds and hysteresis. If there is a possibility of
moisture condensation on the SETA and SETB circuits, which may lead to additional leakage current, consider
adding a conformal coating to the circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com