| Electronic Components Datasheet Search |
|
ADS8370IBRHPR Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS8370IBRHPR Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 32 page ![]() www.ti.com BUSY BUSY BUSY CONVST_QUAL tquiet1 tquiet2 tquiet3 Quiet Zones tsu2 th2 CS No Read Zone (CS Initiated) tsu3 th8 CS FS No Read Zone (FS Initiated) CONVERSION AND SAMPLING CS CONVST CONVST_QUAL (Device Internal) DEVICE STATE BUSY tw2 tsu2 th1 td4 tquiet2 tsu1 tsu4 td1 tquiet1 tquiet2 tquiet1 td2 SAMPLE CONVERT SAMPLE tCONV tacq1 tquiet3 ADS8370 SLAS450 – JUNE 2005 Figure 40. Quiet Zones and No-Read Zones 1. Convert start command: The device enters the conversion phase from the sampling phase when a falling edge is detected on CONVST_QUAL. This is shown in Figure 41, Figure 42, and Figure 43. 2. Sample (acquisition) start command: The device starts sampling from the wait state or at the end of a conversion if CONVST_QUAL is detected as high and CS as low. This is shown in Figure 41, Figure 42, and Figure 43. Maintaining this condition when the device has just finished a conversion (as shown in Figure 41) takes the device immediately into the sampling phase after the conversion phase (back-to-back conversion) and hence achieves maximum throughput. Otherwise, the device enters the wait state. Figure 41. Back-To-Back Conversion and Sample 16 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |